công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1704310 bảng dữ liệu(PDF) 3 Page - PHOENIX CONTACT

tên linh kiện 1704310
Giải thích chi tiết về linh kiện  SPT 2,5/14-V-5,0 - PCB terminal block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHOENIX [PHOENIX CONTACT]
Trang chủ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1704310 bảng dữ liệu(HTML) 3 Page - PHOENIX CONTACT

  1704310 Datasheet HTML 1Page - PHOENIX CONTACT 1704310 Datasheet HTML 2Page - PHOENIX CONTACT 1704310 Datasheet HTML 3Page - PHOENIX CONTACT 1704310 Datasheet HTML 4Page - PHOENIX CONTACT 1704310 Datasheet HTML 5Page - PHOENIX CONTACT 1704310 Datasheet HTML 6Page - PHOENIX CONTACT 1704310 Datasheet HTML 7Page - PHOENIX CONTACT 1704310 Datasheet HTML 8Page - PHOENIX CONTACT 1704310 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Cross section: 0.75 mm²; Length: 8 mm
Cross section: 1 mm²; Length: 8 mm
Cross section: 1.5 mm²; Length: 8 mm
Cross section: 2.5 mm²; Length: 8 mm
Specifications for ferrules with insulating collar
recommended crimping tool
1212034 CRIMPFOX 6
Cross section: 0.25 mm²; Length: 8 mm
Cross section: 0.34 mm²; Length: 8 mm
Cross section: 0.5 mm²; Length: 8 mm ... 10 mm
Cross section: 0.75 mm²; Length: 8 mm ... 10 mm
Cross section: 1 mm²; Length: 8 mm ... 10 mm
ferrules with insulating collar, according to DIN 46228‑4
Cross section: 1.5 mm²; Length: 8 mm ... 10 mm
Mounting
Mounting type
Wave soldering
Pin layout
Linear pinning
Material specifications
Material data - contact
Note
WEEE/RoHS-compliant, free of whiskers according to IEC
60068-2-82/JEDEC JESD 201
Contact material
Cu alloy
Surface characteristics
Tin-plated
Metal surface terminal point (top layer)
Tin (4 - 8 µm Sn)
Metal surface soldering area (top layer)
Tin (4 - 8 µm Sn)
Material data - housing
Color (Housing)
green (6021)
Insulating material
PA
Insulating material group
I
CTI according to IEC 60112
600
Flammability rating according to UL 94
V0
Glow wire flammability index GWFI according to EN 60695-2-12
850
Glow wire ignition temperature GWIT according to EN 60695-2-
13
775
Temperature for the ball pressure test according to EN 60695-
10-2
125 °C
Dimensions
Pitch
5 mm
Width [w]
71.4 mm
Height [h]
16.9 mm
Length [l]
13.5 mm
Installed height
14.4 mm
Solder pin length [P]
2.5 mm
SPT 2,5/14-V-5,0 - PCB terminal block
1704310
https://www.phoenixcontact.com/us/products/1704310
Mar 11, 2024, 6:03 AM
Page 3 (12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com