| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
56F8322 bảng dữ liệu(PDF) 99 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8322 bảng dữ liệu(HTML) 99 Page - Freescale Semiconductor, Inc |
|
99 / 136 page ![]() Configuration 56F8322 Technical Data, Rev. 16 Freescale Semiconductor 99 Preliminary Table 8-3 GPIO External Signals Map Pins in shaded rows are not available in 56F8322 / 56F8122 Pins in italics are NOT available in the 56F8122 device GPIO Function Peripheral Function Package Pin Notes GPIOA0 PWMA0 3 PWM is NOT available in 56F8122 GPIOA1 PWMA1 4 PWM is NOT available in 56F8122 GPIOA2 PWMA2 / SSI 6 SIM register SIM_GPS is used to select between SPI1 and PWMA on a pin-by-pin basis PWM is NOT available in 56F8122 GPIOA3 PWMA3 / MISO1 7 SIM register SIM_GPS is used to select between SPI1 and PWMA on a pin-by-pin basis PWM is NOT available in 56F8122 GPIOA4 PWMA4 / MOSI1 8 SIM register SIM_GPS is used to select between SPI1 and PWMA on a pin-by-pin basis PWM is NOT available in 56F8122 GPIOA5 PWMA5 / SCLK1 9 SIM register SIM_GPS is used to select between SPI1 and PWMA on a pin-by-pin basis PWM is NOT available in 56F8122 GPIOA6 FAULTA0 12 GPIOA7 FAULTA1 GPIOA8 FAULTA2 GPIOA9 ISA0 GPIOA10 ISA1 GPIOA11 ISA2 GPIOB0 SS0 / TXD1 15 SIM register SIM_GPS is used to select between SPI1 and PWMA on a pin-by-pin basis GPIOB1 MISO0 / RXD1 16 SIM register SIM_GPS is used to select between SPI1 and PWMA on a pin-by-pin basis GPIOB2 MOSI0 18 GPIOB3 SCLK0 19 GPIOB4 HOME0 / TA3 35 Quad Decoder 0 register DECCR is used to select between Decoder 0 and Timer A Quad Dec is NOT available in 56F8122 GPIOB5 INDEX0 / TA2 36 Quad Decoder 0 register DECCR is used to select between Decoder 0 and Timer A Quad Dec is NOT available in 56F8122 GPIOB6 PHASEB0 / TA1 37 Quad Decoder 0 register DECCR is used to select between Decoder 0 and Timer A Quad Dec is NOT available in 56F8122 |