| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
56F8322 bảng dữ liệu(PDF) 38 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8322 bảng dữ liệu(HTML) 38 Page - Freescale Semiconductor, Inc |
|
38 / 136 page ![]() 56F8322 Techncial Data, Rev. 16 38 Freescale Semiconductor Preliminary 4.6 EOnCE Memory Map 4.7 Peripheral Memory Mapped Registers On-chip peripheral registers are part of the data memory map on the 56800E series. These locations may be accessed with the same addressing modes used for ordinary Data memory, except all peripheral registers should be read/written using word accesses only. Table 4-7 summarizes base addresses for the set of peripherals on the 56F8322 and 56F8122 devices. Peripherals are listed in order of the base address. Table 4-6 EOnCE Memory Map Address Register Acronym Register Name Reserved X:$FF FF8A OESCR External Signal Control Register Reserved X:$FF FF8E OBCNTR Breakpoint Unit [0] Counter Reserved X:$FF FF90 OBMSK (32 bits) Breakpoint 1 Unit [0] Mask Register X:$FF FF91 — Breakpoint 1 Unit [0] Mask Register X:$FF FF92 OBAR2 (32 bits) Breakpoint 2 Unit [0] Address Register X:$FF FF93 — Breakpoint 2 Unit [0] Address Register X:$FF FF94 OBAR1 (24 bits) Breakpoint 1 Unit [0] Address Register X:$FF FF95 — Breakpoint 1 Unit [0] Address Register X:$FF FF96 OBCR (24 bits) Breakpoint Unit [0] Control Register X:$FF FF97 — Breakpoint Unit [0] Control Register X:$FF FF98 OTB (21-24 bits/stage) Trace Buffer Register Stages X:$FF FF99 — Trace Buffer Register Stages X:$FF FF9A OTBPR (8 bits) Trace Buffer Pointer Register X:$FF FF9B OTBCR Trace Buffer Control Register X:$FF FF9C OBASE (8 bits) Peripheral Base Address Register X:$FF FF9D OSR Status Register X:$FF FF9E OSCNTR (24 bits) Instruction Step Counter X:$FF FF9F — Instruction Step Counter X:$FF FFA0 OCR (bits) Control Register Reserved X:$FF FFFC OCLSR (8 bits) Core Lock / Unlock Status Register X:$FF FFFD OTXRXSR (8 bits) Transmit and Receive Status and Control Register X:$FF FFFE OTX / ORX (32 bits) Transmit Register / Receive Register X:$FF FFFF OTX1 / ORX1 Transmit Register Upper Word Receive Register Upper Word |