công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

56F8322 bảng dữ liệu(PDF) 88 Page - Freescale Semiconductor, Inc

tên linh kiện 56F8322
Giải thích chi tiết về linh kiện  16-bit Digital Signal Controllers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8322 bảng dữ liệu(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button 56F8322 Datasheet HTML 84Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 85Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 86Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 87Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 88Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 89Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 90Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 91Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 136 page
background image
56F8322 Techncial Data, Rev. 16
88
Freescale Semiconductor
Preliminary
As shown in Figure 6-10, the GPIO has the final control over which pin controls the I/O. SIM_GPS simply
decides which peripheral will be routed to the I/O.
Figure 6-10 Overall Control of Pads Using SIM_GPS Control
Figure 6-11 GPIO Peripheral Select Register (SIM_GPS)
6.5.8.1
Reserved—Bits 15–8
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
6.5.8.2
GPIO C6 (C6)—Bit 7
This bit selects the alternate function for GPIOC6.
•
0 = TC0 (default)
•
1 = TXD0
6.5.8.3
GPIOC5 (C5)—Bit 6
This bit selects the alternate function for GPIOC5.
•
0 = TC1 (default)
•1 = RXD0
Base + $B
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
C6
C5
B1
B0
A5
A4
A3
A2
Write
RESET
00
00
00
00
00
0
0
0
0
0
0
GPIOX_PER Register
GPIO Controlled
I/O Pad Control
SIM_GPS Register
Quad Timer Controlled
SCI Controlled
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com