| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
56F8322 bảng dữ liệu(PDF) 39 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8322 bảng dữ liệu(HTML) 39 Page - Freescale Semiconductor, Inc |
|
39 / 136 page ![]() Peripheral Memory Mapped Registers 56F8322 Technical Data, Rev. 16 Freescale Semiconductor 39 Preliminary The following tables list all of the peripheral registers required to control or access the peripherals. Note: Features in italics are NOT available on the 56F8122 device. Table 4-7 Data Memory Peripheral Base Address Map Summary Peripheral Prefix Base Address Table Number Timer A TMRA X:$00 F040 4-8 Timer C TMRC X:$00 F0C0 4-9 PWM A PWMA X:$00 F140 4-10 Quadrature Decoder 0 DEC0 X:$00 F180 4-11 ITCN ITCN X:$00 F1A0 4-12 ADC A ADCA X:$00 F200 4-13 Temperature Sensor TSENSOR X:$00 F270 4-14 SCI #0 SCI0 X:$00 F280 4-15 SCI #1 SCI1 X:$00 F290 4-16 SPI #0 SPI0 X:$00 F2A0 4-17 SPI #1 SPI1 X:$00 F2B0 4-18 COP COP X:$00 F2C0 4-19 PLL, OSC CLKGEN X:$00 F2D0 4-20 GPIO Port A GPIOA X:$00 F2E0 4-21 GPIO Port B GPIOB X:$00 F300 4-22 GPIO Port C GPIOC X:$00 F310 4-23 SIM SIM X:$00 F350 4-24 Power Supervisor LVI X:$00 F360 4-25 FM FM X:$00 F400 4-26 FlexCAN FC X:$00 F800 4-27 Table 4-8 Quad Timer A Registers Address Map (TMRA_BASE = $00 F040) Register Acronym Address Offset Register Description TMRA0_CMP1 $0 Compare Register 1 TMRA0_CMP2 $1 Compare Register 2 TMRA0_CAP $2 Capture Register TMRA0_LOAD $3 Load Register TMRA0_HOLD $4 Hold Register TMRA0_CNTR $5 Counter Register TMRA0_CTRL $6 Control Register TMRA0_SCR $7 Status and Control Register TMRA0_CMPLD1 $8 Comparator Load Register 1 |