công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

56F8322 bảng dữ liệu(PDF) 35 Page - Freescale Semiconductor, Inc

tên linh kiện 56F8322
Giải thích chi tiết về linh kiện  16-bit Digital Signal Controllers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8322 bảng dữ liệu(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button 56F8322 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 34Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 36Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 37Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 38Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 136 page
background image
Interrupt Vector Table
56F8322 Technical Data, Rev. 16
Freescale Semiconductor
35
Preliminary
Reserved
TMRC
56
0-2
P:$70
Timer C Channel 0
TMRC
57
0-2
P:$72
Timer C Channel 1
TMRC
58
0-2
P:$74
Timer C Channel 2
TMRC
59
0-2
P:$76
Timer C Channel 3
Reserved
TMRA
64
0-2
P:$80
Timer A Channel 0
TMRA
65
0-2
P:$82
Timer A Channel 1
TMRA
66
0-2
P:$84
Timer A Channel 2
TMRA
67
0-2
P:$86
Timer A Channel 3
SCI0
68
0-2
P:$88
SCI 0 Transmitter Empty
SCI0
69
0-2
P:$8A
SCI 0 Transmitter Idle
Reserved
SCI0
71
0-2
P:$8E
SCI 0 Receiver Error
SCI0
72
0-2
P:$90
SCI 0 Receiver Full
Reserved
ADCA
74
0-2
P:$94
ADC A Conversion Complete / End of Scan
Reserved
ADCA
76
0-2
P:$98
ADC A Zero Crossing or Limit Error
Reserved
PWMA
78
0-2
P:$9C
Reload PWM A
Reserved
PWMA
80
0-2
P:$A0
PWM A Fault
core
81
- 1
P:$A2
SW Interrupt LP
82
0 - 2
P:$A4
1. Two words are allocated for each entry in the vector table. This does not allow the full address range to be referenced
from the vector table, providing only 19 bits of address.
2. If the VBA is set to $0200, the first two locations of the vector table will overlay the chip reset addresses.
Table 4-3 Interrupt Vector Table Contents1 (Continued)
Peripheral
Vector
Number
Priority
Level
Vector Base
Address +
Interrupt Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com