| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM62A7 bảng dữ liệu(PDF) 129 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM62A7 bảng dữ liệu(HTML) 129 Page - Texas Instruments |
|
129 / 238 page ![]() 7.10.5.6 ECAP Table 7-45, Table 7-46, Figure 7-37, Table 7-47, and Figure 7-38 present timing conditions, requirements, and switching characteristics for ECAP. Table 7-45. ECAP Timing Conditions PARAMETER MIN MAX UNIT INPUT CONDITIONS SRI Input slew rate 1 4 V/ns OUTPUT CONDITIONS CL Output load capacitance 2 7 pF Table 7-46. ECAP Timing Requirements see Figure 7-37 NO. PARAMETER DESCRIPTION MIN MAX UNIT CAP1 tw(CAP) Pulse duration, CAP (asynchronous) 2P(1) + 2 ns (1) P = sysclk period in ns. CAP CAP1 EPERIPHERALS_TIMNG_01 Figure 7-37. ECAP Timings Requirements Table 7-47. ECAP Switching Characteristics see Figure 7-38 NO. PARAMETER DESCRIPTION MIN MAX UNIT CAP2 tw(APWM) Pulse duration, APWMx high/low 2P(1) - 2 ns (1) P = sysclk period in ns. APWM CAP2 EPERIPHERALS_TIMNG_02 Figure 7-38. ECAP Switching Characteristics For more information, see Enhanced Capture (ECAP) Module section in Peripherals chapter in the device TRM. www.ti.com AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1 SPRSP77A – MARCH 2023 – REVISED AUGUST 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 129 Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 |