| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM62A7 bảng dữ liệu(PDF) 41 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM62A7 bảng dữ liệu(HTML) 41 Page - Texas Instruments |
|
41 / 238 page ![]() Table 6-1. Pin Attributes (AMB Package) (continued) BALL NUMBER [1] BALL NAME [2] PADCONFIG Register [15] PADCONFIG Address [16] SIGNAL NAME [3] MUX MODE [4] TYPE [5] DSIS [6] BALL STATE DURING RESET (RX/TX/PULL) [7] BALL STATE AFTER RESET (RX/TX/PULL) [8] MUX MODE AFTER RESET [9] I/O OPERATING VOLTAGE [10] POWER [11] HYS [12] BUFFER TYPE [13] PULL UP/DOWN TYPE [14] V6 USB1_VBUS USB1_VBUS A 1.8 V/3.3 V VDDA_1P8_USB, VDDA_3P3_USB USB2PHY T10 VDDA_1P8_USB VDDA_1P8_USB PWR T12 VDDA_1P8_CSIRX0 VDDA_1P8_CSIRX0 PWR U10 VDDA_3P3_USB VDDA_3P3_USB PWR T11 VDDA_CORE_CSIRX0 VDDA_CORE_CSIRX0 PWR T9 VDDA_CORE_USB VDDA_CORE_USB PWR M9 VDDA_DDR_PLL0 VDDA_DDR_PLL0 PWR J10 VDDA_MCU VDDA_MCU PWR N9 VDDA_PLL0 VDDA_PLL0 PWR R11 VDDA_PLL1 VDDA_PLL1 PWR M13 VDDA_PLL2 VDDA_PLL2 PWR K13 VDDA_PLL3 VDDA_PLL3 PWR K10 VDDA_PLL4 VDDA_PLL4 PWR P16 VDDA_TEMP0 VDDA_TEMP0 PWR G18 VDDA_TEMP1 VDDA_TEMP1 PWR L10 VDDA_TEMP2 VDDA_TEMP2 PWR J14, K12, M10, M14, P12, P9 VDDR_CORE VDDR_CORE PWR G14, H13 VDDSHV0 VDDSHV0 PWR K15, L16 VDDSHV1 VDDSHV1 PWR R13, T13, U13 VDDSHV2 VDDSHV2 PWR L15, M15, N15 VDDSHV3 VDDSHV3 PWR T8, U8 VDDSHV4 VDDSHV4 PWR G16, H15 VDDSHV5 VDDSHV5 PWR H16, H17 VDDSHV6 VDDSHV6 PWR H8 VDDSHV_CANUART VDDSHV_CANUART PWR G11, H10 VDDSHV_MCU VDDSHV_MCU PWR A2, AA1, AB2, B1, J7, K8, L7, M8, N7, P8 VDDS_DDR VDDS_DDR PWR L8 VDDS_DDR_C VDDS_DDR_C PWR J8 VDDS_OSC0 VDDS_OSC0 PWR H9 VDD_CANUART VDD_CANUART PWR www.ti.com AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1 SPRSP77A – MARCH 2023 – REVISED AUGUST 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 41 Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 |