| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM62A7 bảng dữ liệu(PDF) 90 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM62A7 bảng dữ liệu(HTML) 90 Page - Texas Instruments |
|
90 / 238 page ![]() 7.9 Thermal Resistance Characteristics This section provides the thermal resistance characteristics used on this device. For reliability and operability concerns, the maximum junction temperature of the device has to be at or below the TJ value identified in Section 7.4, Recommended Operating Conditions. 7.9.1 Thermal Resistance Characteristics for AMB Package It is recommended to perform thermal simulations at the system level with the worst case device power consumption. NO. PARAMETER DESCRIPTION AMB PACKAGE °C/W(1) (3) AIR FLOW (m/s)(2) T1 RΘJC Junction-to-case 0.77 N/A T2 RΘJB Junction-to-board 3.3 N/A T3 RΘJA Junction-to-free air 12.5 0 T4 Junction-to-moving air 8.6 1 T5 7.6 2 T6 7.0 3 T7 ΨJT Junction-to-package top 0.39 0 T8 0.41 1 T9 0.42 2 T10 0.43 3 T11 ΨJB Junction-to-board 3.1 0 T12 2.8 1 T13 2.7 2 T14 2.6 3 (1) These values are based on a JEDEC defined 2S2P system (with the exception of the Theta JC [RΘJC] value, which is based on a JEDEC defined 1S0P system) and will change based on environment as well as application. For more information, see these EIA/JEDEC standards: • JESD51-2, Integrated Circuits Thermal Test Method Environment Conditions - Natural Convection (Still Air) • JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages • JESD51-6, Integrated Circuit Thermal Test Method Environmental Conditions - Forced Convection (Moving Air) • JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages • JESD51-9, Test Boards for Area Array Surface Mount Packages (2) m/s = meters per second. (3) °C/W = degrees Celsius per watt. AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1 SPRSP77A – MARCH 2023 – REVISED AUGUST 2023 www.ti.com 90 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 |