| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM62A7 bảng dữ liệu(PDF) 70 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM62A7 bảng dữ liệu(HTML) 70 Page - Texas Instruments |
|
70 / 238 page ![]() 6.3.22 TIMER 6.3.22.1 MAIN Domain Table 6-57. TIMER Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMB PIN [4] TIMER_IO0 IO Timer Inputs and Outputs (not tied to single timer instance) C17, D22, Y7 TIMER_IO1 IO Timer Inputs and Outputs (not tied to single timer instance) C22, E17 TIMER_IO2 IO Timer Inputs and Outputs (not tied to single timer instance) B17, D21 TIMER_IO3 IO Timer Inputs and Outputs (not tied to single timer instance) B22, C18 TIMER_IO4 IO Timer Inputs and Outputs (not tied to single timer instance) AB7, B16, E22 TIMER_IO5 IO Timer Inputs and Outputs (not tied to single timer instance) C21, E16, Y6 TIMER_IO6 IO Timer Inputs and Outputs (not tied to single timer instance) E18, F14 TIMER_IO7 IO Timer Inputs and Outputs (not tied to single timer instance) C15, D18 6.3.22.2 MCU Domain Table 6-58. MCU_TIMER Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMB PIN [4] MCU_TIMER_IO0 IO Timer Inputs and Outputs (not tied to single timer instance) B11, E8 MCU_TIMER_IO1 IO Timer Inputs and Outputs (not tied to single timer instance) C11, D10 MCU_TIMER_IO2 IO Timer Inputs and Outputs (not tied to single timer instance) D7 MCU_TIMER_IO3 IO Timer Inputs and Outputs (not tied to single timer instance) B9 6.3.22.3 WKUP Domain Table 6-59. WKUP_TIMER Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMB PIN [4] WKUP_TIMER_IO0 IO Timer Inputs and Outputs (not tied to single timer instance) C10, C7 WKUP_TIMER_IO1 IO Timer Inputs and Outputs (not tied to single timer instance) C8, E11 6.3.23 UART 6.3.23.1 MAIN Domain Table 6-60. UART0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMB PIN [4] UART0_CTSn I UART Clear to Send (active low) F14 UART0_RTSn O UART Request to Send (active low) C15 UART0_RXD I UART Receive Data E14 UART0_TXD O UART Transmit Data D15 AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1 SPRSP77A – MARCH 2023 – REVISED AUGUST 2023 www.ti.com 70 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 |