| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM62A7 bảng dữ liệu(PDF) 127 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM62A7 bảng dữ liệu(HTML) 127 Page - Texas Instruments |
|
127 / 238 page ![]() 7.10.5.5 DSS Table 7-42, Table 7-43, Figure 7-35, Table 7-44 and Figure 7-36 present timing conditions, requirements, and switching characteristics for DSS. Table 7-42. DSS Timing Conditions PARAMETER MIN MAX UNIT INPUT CONDITIONS SRI Input slew rate 1.44 26.4 V/ns OUTPUT CONDITIONS CL Output load capacitance 1.5 5 pF PCB CONNECTIVITY REQUIREMENTS td(Trace Mismatch Delay) Propagation delay mismatch across all traces 100 ps Table 7-43. DSS External Pixel Clock Timing Requirements see Figure 7-35 NO. MIN MAX UNIT D6 tc(extpclkin) Cycle time, VOUT(x)_EXTPCLKIN(2) 6.06 ns D7 tw(extpclkinL) Pulse duration, VOUT(x)_EXTPCLKIN(2) low 0.475P(1) ns D8 tw(extpclkinH) Pulse duration, VOUT(x)_EXTPCLKIN(2) high 0.475P(1) ns (1) P = VOUT(x)_EXTPCLKIN cycle time in ns (2) x in VOUT(x) = 0 VOUT(x)_EXTPCLKIN D6 D7 D8 DPI_TIMING_02 Falling-edge Clock Reference Rising-edge Clock Reference VOUT(x)_EXTPCLKIN Figure 7-35. DSS External Pixel Clock Timing Requirements www.ti.com AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1 SPRSP77A – MARCH 2023 – REVISED AUGUST 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 127 Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 |