| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM62A7 bảng dữ liệu(PDF) 233 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM62A7 bảng dữ liệu(HTML) 233 Page - Texas Instruments |
|
233 / 238 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 14-Mar-2024 TAPE AND REEL INFORMATION Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 User Direction of Feed P1 Reel Diameter *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant AM62A32AOMHIAMBR FCBGA AMB 484 500 330.0 32.4 18.35 18.35 3.3 24.0 32.0 Q1 AM62A34ASMSIAMBRQ1 FCBGA AMB 484 500 330.0 32.4 18.35 18.35 3.3 24.0 32.0 Q1 AM62A74AUMHAAMBR FCBGA AMB 484 500 330.0 32.4 18.35 18.35 3.3 24.0 32.0 Q1 AM62A74AUMHIAMBR FCBGA AMB 484 500 330.0 32.4 18.35 18.35 3.3 24.0 32.0 Q1 AM62A74AUMSIAMBRQ1 FCBGA AMB 484 500 330.0 32.4 18.35 18.35 3.3 24.0 32.0 Q1 Pack Materials-Page 1 |