| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM62A7 bảng dữ liệu(PDF) 231 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM62A7 bảng dữ liệu(HTML) 231 Page - Texas Instruments |
|
231 / 238 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 13-Mar-2024 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples AM62A31AMLHAAMB PREVIEW FCBGA AMB 484 84 TBD Call TI Call TI -40 to 105 AM62A32AMLHAAMB PREVIEW FCBGA AMB 484 84 TBD Call TI Call TI -40 to 105 AM62A32AMLSIAMBQ1 PREVIEW FCBGA AMB 484 84 TBD Call TI Call TI -40 to 125 AM62A32AOMHIAMBR ACTIVE FCBGA AMB 484 500 RoHS & Green Call TI Level-3-250C-168 HR -40 to 105 AM62A32A OMHIAMB 498 Samples AM62A34ASMHAAMB PREVIEW FCBGA AMB 484 84 RoHS & Green Call TI Level-3-250C-168 HR -40 to 105 AM62A34A SMHAAMB 498 AM62A34ASMSIAMBQ1 PREVIEW FCBGA AMB 484 84 RoHS & Green Call TI Level-3-250C-168 HR -40 to 125 AM62A34A SMSIAMBQ1 498 AM62A34ASMSIAMBRQ1 ACTIVE FCBGA AMB 484 500 RoHS & Green Call TI Level-3-250C-168 HR -40 to 125 AM62A34A SMSIAMBQ1 498 Samples AM62A74AUMHAAMB PREVIEW FCBGA AMB 484 84 RoHS & Green Call TI Level-3-250C-168 HR -40 to 105 AM62A74A UMHAAMB 498 AM62A74AUMHAAMBR ACTIVE FCBGA AMB 484 500 RoHS & Green Call TI Level-3-250C-168 HR -40 to 105 AM62A74A UMHAAMB 498 Samples AM62A74AUMHIAMBR ACTIVE FCBGA AMB 484 500 RoHS & Green Call TI Level-3-250C-168 HR -40 to 105 AM62A74A UMHIAMB 498 Samples AM62A74AUMSIAMBRQ1 ACTIVE FCBGA AMB 484 500 RoHS & Green Call TI Level-3-250C-168 HR -40 to 125 AM62A74A UMSIAMBQ1 498 Samples AM62A74AVMSIAMBQ1 PREVIEW FCBGA AMB 484 84 TBD Call TI Call TI -40 to 125 XAM62A34ASMHAAMB ACTIVE FCBGA AMB 484 84 TBD Call TI Call TI -40 to 105 Samples (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. Addendum-Page 1 |