| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AVR32AP bảng dữ liệu(PDF) 42 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AVR32AP bảng dữ liệu(HTML) 42 Page - ATMEL Corporation |
|
42 / 181 page ![]() 42 32001A–AVR32–06/06 AVR32 3.11.1.20 DTLB Read Miss Exception The DTLB Read Miss exception is generated when no TLB entry matches the data memory address of the current read operation, or if the Valid bit in a matching entry is 0. RSR_EX = SR; RAR_EX = PC; TLBEAR = FAILING_VIRTUAL_ADDRESS; TLBEHI[VPN] = FAILING_PAGE_NUMBER; TLBEHI[I] = 0; SR[R] = 0; SR[J] = 0; SR[M2:M0] = B’110; SR[EM] = 1; SR[GM] = 1; PC = EVBA | 0x60; 3.11.1.21 DTLB Write Miss Exception The DTLB Write Miss exception is generated when no TLB entry matches the data memory address of the current write operation, or if the Valid bit in a matching entry is 0. RSR_EX = SR; RAR_EX = PC; TLBEAR = FAILING_VIRTUAL_ADDRESS; TLBEHI[VPN] = FAILING_PAGE_NUMBER; TLBEHI[I] = 0; SR[R] = 0; SR[J] = 0; SR[M2:M0] = B’110; SR[EM] = 1; SR[GM] = 1; PC = EVBA | 0x70; 3.11.1.22 DTLB Read Protection Exception The DTLB Protection exception is generated when the data memory read violates the access rights specified by the protection bits of the addressed virtual page. RSR_EX = SR; RAR_EX = PC; TLBEAR = FAILING_VIRTUAL_ADDRESS; TLBEHI[VPN] = FAILING_PAGE_NUMBER; TLBEHI[I] = 0; SR[R] = 0; SR[J] = 0; SR[M2:M0] = B’110; SR[EM] = 1; SR[GM] = 1; PC = EVBA | 0x3C; |