công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VT6306 bảng dữ liệu(PDF) 14 Page - VIA Technologies, Inc.

tên linh kiện VT6306
Giải thích chi tiết về linh kiện  PCI 1394a Integrated Host Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VIA [VIA Technologies, Inc.]
Trang chủ  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6306 bảng dữ liệu(HTML) 14 Page - VIA Technologies, Inc.

Back Button VT6306 Datasheet HTML 10Page - VIA Technologies, Inc. VT6306 Datasheet HTML 11Page - VIA Technologies, Inc. VT6306 Datasheet HTML 12Page - VIA Technologies, Inc. VT6306 Datasheet HTML 13Page - VIA Technologies, Inc. VT6306 Datasheet HTML 14Page - VIA Technologies, Inc. VT6306 Datasheet HTML 15Page - VIA Technologies, Inc. VT6306 Datasheet HTML 16Page - VIA Technologies, Inc. VT6306 Datasheet HTML 17Page - VIA Technologies, Inc. VT6306 Datasheet HTML 18Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
We Connect
We Connect
We Connect
We Connect
Technologies,Inc.
VT6306 PCI 1394a Host Controller
Revision 1.16 July 19, 2002
-8-
Pinouts
1394 PHY Interface
Signal Name
Pin #
I/O
Signal Description
PHYRST#
58
I
PHY Reset.
Used to reset the PHY logic. This pin can be left unconnected as
there is an internal RC network that creates a 0.5 ms to 2 ms power-on reset
interval. This pin can also be driven by an open-drain type driver.
Configuration Straps
Signal Name
Pin #
I/O
Default
Signal Description
I2CEEENA
46
I
Low
I2C EEPROM.
Low = Disable (4-wire EEPROM interface),
High = Enable (2-wire I2C EEPROM interface using SCL / SDA)
I2CFAST
48
I
Low
I2C EEPROM Fast Mode.
Low = Disable, High = Enable
CARDBUSENA
47
I
Low
CardBus Mode.
Low = Disable (PCI), High = Enable
PHYPC[2:0]
53,
55, 54
I
Power Class.
Used to set the three POWER_CLASS bits in the
Self-ID packet. These bits describe the power consumption and
source characteristics of the node. PC0, 1, and 2 are reflected in
Self-ID packet bits 21, 22, and 23 respectively. See Table 7 “Power
Class Pin Strapping” on page 40 for additional information.
PHYCMC
52
I
High
Programmable Contender / Bus Manager Capable.
High
specifies that the node is capable of being a bus manager.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com