công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VT6306 bảng dữ liệu(PDF) 29 Page - VIA Technologies, Inc.

tên linh kiện VT6306
Giải thích chi tiết về linh kiện  PCI 1394a Integrated Host Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VIA [VIA Technologies, Inc.]
Trang chủ  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6306 bảng dữ liệu(HTML) 29 Page - VIA Technologies, Inc.

Back Button VT6306 Datasheet HTML 25Page - VIA Technologies, Inc. VT6306 Datasheet HTML 26Page - VIA Technologies, Inc. VT6306 Datasheet HTML 27Page - VIA Technologies, Inc. VT6306 Datasheet HTML 28Page - VIA Technologies, Inc. VT6306 Datasheet HTML 29Page - VIA Technologies, Inc. VT6306 Datasheet HTML 30Page - VIA Technologies, Inc. VT6306 Datasheet HTML 31Page - VIA Technologies, Inc. VT6306 Datasheet HTML 32Page - VIA Technologies, Inc. VT6306 Datasheet HTML 33Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
We Connect
We Connect
We Connect
We Connect
Technologies,Inc.
VT6306 PCI 1394a Host Controller
Revision 1.16 July 19, 2002
-23-
Register Descriptions
Memory Offset 34 – Configuration ROM Map ............. RW
This register contains the start address within the memory
space that maps to the start address of the 1394 configuration
ROM. Only 32-bit word reads to the first 1K bytes of the
configuration ROM will map to memory space.(all other
transactions
to
this
space
will
be
rejected
with
an
“ack_type_error”). The system address of the configuration
ROM must start on a 1K-byte boundary. The first five 32-bit
words of the configuration ROM space are mapped to the
configuration ROM header and Bus Info Block, so the first
five registers addressed by this register are not used.
This
register must be set to a valid address prior to setting the “HC
Control” register “link enable” bit.
31-10 Configuration ROM Address
.................. default = 0
Read requests to 1394 offsets FFFF F000 0400
through FFFF F000 03FC have the low-order 10 bits
of the offset added to this register to determine the
host memory address of the returned data value.
9-0
Reserved
........................................ always reads 0
Memory Offset 38 – Posted Write Address Low ............ RO
31-0 Offset Low
................................ default = undefined
If the “Posted Write Error” bit is set in the Interrupt
Events register, this and the “Posted Write Address
High” register contain the 48 bits of the 1394
destination offset of the write request that resulted in
the PCI error.
Memory Offset 3C – Posted Write Address High........... RO
31-16 Source ID
................................ default = undefined
The Bus Number and Node Number of the node
which has issued the failed write request.
15-0 Offset High
................................ default = undefined
If the “Posted Write Error” bit is set in the Interrupt
Events register, this and the “Posted Write Address
Low” register contain the 48 bits of the 1394
destination offset of the write request that resulted in
the PCI error.
Memory Offset 40 – Vendor ID........................................ RO
31-0 Vendor ID
.................................. always reads TBD
HC Control Registers
The following two registers are a “set / clear” register pair.
Writing to the “Set” register address sets selected bits in the
control register where the written bit value is 1. Writing to the
“Clear” register address clears selected bits in the control
register where the written bit value is 1. Reading from either
address returns the contents of the control register.
Memory Offset 50 (Set), 54 (Clear) – HC Control ......... RW
31-20 Reserved
........................................always reads 0
19
Link Power Status
0
Prohibit Link to PHY Communications .......def
1
Permit Link to PHY Communications (link can
use LREQs to perform PHY reads and writes).
This bit has no effect on “Link On” status for the
node (see Link Enable status below). Both software
and hardware resets clear this bit.
18
Posted Write Enable
................... default = undefined
0
All writes return “ack_pending”
1
Enable 2-deep posted write queue
Software should only change this bit when “Link
Enable” is 0.
17
Link Enable
0
Disable
packets
from
being
transmitted,
received, or processed............................ default
1
Enable packets to be transmitted, received, and
processed
Both software and hardware resets clear this bit.
Software
should
not
set
this
bit
until
the
Configuration ROM mapping register is valid.
16
Soft Reset
When set, all on-chip 1394 states are reset, all FIFOs
are flushed, and all registers are set to their hardware
reset (default) values unless otherwise specified. PCI
configuration registers are not affected.
Hardware
clears this bit automatically when the reset is
complete (it reads 1 while the reset is in progress).
15-0 Reserved
........................................always reads 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com