công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VT6306 bảng dữ liệu(PDF) 36 Page - VIA Technologies, Inc.

tên linh kiện VT6306
Giải thích chi tiết về linh kiện  PCI 1394a Integrated Host Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VIA [VIA Technologies, Inc.]
Trang chủ  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6306 bảng dữ liệu(HTML) 36 Page - VIA Technologies, Inc.

Back Button VT6306 Datasheet HTML 32Page - VIA Technologies, Inc. VT6306 Datasheet HTML 33Page - VIA Technologies, Inc. VT6306 Datasheet HTML 34Page - VIA Technologies, Inc. VT6306 Datasheet HTML 35Page - VIA Technologies, Inc. VT6306 Datasheet HTML 36Page - VIA Technologies, Inc. VT6306 Datasheet HTML 37Page - VIA Technologies, Inc. VT6306 Datasheet HTML 38Page - VIA Technologies, Inc. VT6306 Datasheet HTML 39Page - VIA Technologies, Inc. VT6306 Datasheet HTML 40Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
We Connect
We Connect
We Connect
We Connect
Technologies,Inc.
VT6306 PCI 1394a Host Controller
Revision 1.16 July 19, 2002
-30-
Register Descriptions
Asynchronous Transmit & Receive Context Registers
Offset 180 (Set), 184 (Clr) – Async Req Xmit Context .. RW
Offset 1A0 (Set), 1A4 (Clr) – Async Rsp Xmit Context. RW
Offset 1C0 (Set), 1C4 (Clr) – Async Req Rcv Context .. RW
Offset 1E0 (Set), 1E4 (Clr) – Async Rsp Rcv Context... RW
These registers are the Context Control registers for
Asynchronous
Transmit
Requests
and
Responses
and
Asynchronous Receive Requests and Responses, respectively.
They contain bits for control of options, operational state, and
status for a DMA context. The bit layout for both registers is
given below:
31-16 Reserved
........................................ always reads 0
15
Run
This bit is set and cleared by software to enable
descriptor processing for a context.
The chip will
clear this bit automatically on a hardware or software
reset. Before software sets this bit, the active bit must
be clear and the Command Pointer register for the
context must contain a valid descriptor block address
and a Z value that is appropriate for the descriptor
block address.
Software may stop the chip from further processing of
a context by clearing this bit. When cleared, the chip
will stop processing of the context in a manner that
will not impact the operation of any other context or
DMA controller.
This may require a significant
amount of time. If software clears a run bit for an
isochronous context while the chip is processing a
packet for the context, it will continue to receive or
transmit the packet and update the descriptor status.
It will then stop at the conclusion of that packet. If
the run bit is cleared for a non-isochronous context,
the chip will stop processing at a convenient point
and put the descriptors in a consistent state (e.g.,
status
updated
if
a
packet
was
sent
and
acknowledged).
Clearing the bit may have other side effects that are
DMA controller dependent. This is described in the
sections that cover each of the DMA controllers.
14-13 Reserved
........................................ always reads 0
12
Wake
.............................................. default = 0
When software adds to a list of descriptors for a
context, the chip may have already read the descriptor
that was at the end of the list before it was updated.
This bit provides a semaphore to indicate that the list
may have changed.
If the chip had fetched a descriptor and the indicated
branch address had a Z value of zero, it will reread
the pointer value when the wake bit is set. If, on the
reread, the Z value is still zero, then the end of the list
has been reached and the chip will clear the active bit.
If, however, the Z value is now non-zero, the chip
will continue processing. If the wake bit is set while
the chip is active and has a Z value of non-zero, it
takes no special action.
The chip will clear this bit before it reads or rereads a
descriptor. The wake bit should not be set while the
run bit is zero.
11
Dead
..............................................default = 0
This bit is set by the chip to indicate a fatal error in
processing a descriptor. When set, the active bit is
cleared. This bit is cleared when software clears the
run bit or on a hardware or software reset.
10
Active
..............................................default = 0
This bit is set by the chip when software sets the run
bit or sets the wake bit while the run bit is set. The
chip will clear this bit:
1)
when a branch is indicated by a descriptor but
the Z value of the branch address is 0
2)
when software clears the run bit and the chip
has reached a safe stopping point
3)
while the dead bit is set
4)
after a hardware or software reset
5)
for asynchronous transmit contexts (request
and response), when a bus reset occurs
When this bit is 0 and the run bit is 0, the chip will set
the Interrupt Event bit for the context.
9-8
Reserved
........................................always reads 0
7-5
Speed (Async Receive Contexts Only)
This field indicates the speed at which the packet was
received or transmitted:
000 100 Mbits/sec
001 200 Mbits/sec
010 400 Mbits/sec
011 -reserved-
1xx -reserved-
4-0
Ack / Err Code
..........................................default = 0
Following an “Output Last” command, the received
“Ack Code” or “Event Error Code” is indicated in
this field.
Possible values are:
“Ack Complete”,
“Ack Pending”, Ack Busy X”, “Ack Data Error”,
“Ack Type Error”, “Event Tcode Error”, “Event
Missing Ack”, “Event Underrun”, “Event Descriptor
Read”, “Event Data Read”, “Event Timeout”, “Event
Flushed”, and “Event Unknown” (see “Table 4.
Packet Event Codes” on the following page for
descriptions and values for these codes).
Offset 18C – Async Req Xmit Context Command Ptr... RW
Offset 1AC – Async Rsp Xmit Context Command Ptr .. RW
Offset 1CC – Async Req Rcv Context Command Ptr.... RW
Offset 1EC – Async Rsp Rcv Context Command Ptr .... RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com