công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP3015 bảng dữ liệu(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

tên linh kiện AP3015
Giải thích chi tiết về linh kiện  MICRO POWER STEP-UP DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Trang chủ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3015 bảng dữ liệu(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3015 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3015 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3015 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3015 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3015 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3015 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3015 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3015 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3015 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MICRO POWER STEP-UP DC-DC CONVERTER
AP3015/A
7
Aug. 2006 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Preliminary Datasheet
Figure 9. Switch Current Limit vs. Junction Temperature
Typical Performance Characteristics (Continued)
Figure 10. Saturation Voltage vs. Junction Temperature Figure 11. Saturation Voltage vs. Junction Temperature
Figure 8. Switch Current Limit vs. Junction Temperature
Unless otherwise noted, VIN=1.2V
-50
-25
0
25
50
75
100
40
44
48
52
56
60
64
68
72
76
80
Junction Temperature (
OC)
AP3015A, I
SWITCH
=70mA
V
IN
=1.2V
V
IN
=12V
-50
-25
0
25
50
75
100
200
250
300
350
400
450
500
Junction Temperature (
OC)
AP3015
V
IN
=1.2V
V
IN
=12V
-50
-25
0
25
50
75
100
80
82
84
86
88
90
92
94
96
98
100
102
104
106
108
110
112
114
116
118
120
Junction Temperature (
OC)
AP3015A
V
IN
=1.2V
V
IN
=12V
-50
-25
0
25
50
75
100
150
160
170
180
190
200
210
220
230
240
250
Junction Temperature (
OC)
AP3015, I
SWITCH
=300mA
V
IN
=1.2V
V
IN
=12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com