công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP3015 bảng dữ liệu(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

tên linh kiện AP3015
Giải thích chi tiết về linh kiện  MICRO POWER STEP-UP DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Trang chủ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3015 bảng dữ liệu(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP3015 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3015 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3015 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3015 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3015 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3015 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3015 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3015 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3015 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MICRO POWER STEP-UP DC-DC CONVERTER
AP3015/A
4
Aug. 2006 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Preliminary Datasheet
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Max-
imum Ratings" for extended periods may affect device reliability.
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
AP3105
1.2
12
V
AP3105A
1.0
12
Operating Temperature
TA
-40
85
oC
Recommended Operating Conditions
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
Input Voltage
VIN
15
V
SW Voltage
VSW
36
V
FB Voltage
VFB
VIN
V
SHDN Pin Voltage
VSHDN
15
V
Thermal Resistance (Junction to Ambient, no Heat sink)
RθJA
265
oC/W
Operating Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10sec)
TLEAD
260
oC
ESD (Human Body Model)
3000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com