công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M42000004Z bảng dữ liệu(PDF) 47 Page - Advanced Micro Devices

tên linh kiện M42000004Z
Giải thích chi tiết về linh kiện  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

M42000004Z bảng dữ liệu(HTML) 47 Page - Advanced Micro Devices

Back Button M42000004Z Datasheet HTML 43Page - Advanced Micro Devices M42000004Z Datasheet HTML 44Page - Advanced Micro Devices M42000004Z Datasheet HTML 45Page - Advanced Micro Devices M42000004Z Datasheet HTML 46Page - Advanced Micro Devices M42000004Z Datasheet HTML 47Page - Advanced Micro Devices M42000004Z Datasheet HTML 48Page - Advanced Micro Devices M42000004Z Datasheet HTML 49Page - Advanced Micro Devices M42000004Z Datasheet HTML 50Page - Advanced Micro Devices M42000004Z Datasheet HTML 51Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
46
Am42BDS640AG
November 1, 2002
P R E L I M INARY
AC CHARACTERISTICS
Figure 17.
Reduced Wait-State Handshaking Burst Mode Read
Starting at an Odd Address
Notes:
1. Figure shows total number of wait states set to seven cycles. The total number of wait states can be programmed from two
cycles to seven cycles. Clock is set for active rising edge.
2. If any burst address occurs at a 64-word boundary, one additional clock cycle is inserted, and is indicated by RDY.
3. The device is in synchronous mode.
4. This waveform represents a synchronous burst mode, the device will also operate in reduced wait-state handshaking under
a CLK synchronous burst mode.
Da
Da + 1
Da + n
OE#
DQ15-DQ0
A21-A0
Aa
AVD#
RDY
CLK
CE#f
tCAS
tAAS
tAVC
tAVD
tAAH
tOE
tRACC
tOEZ
tCEZ
tIACC
tBDH
7 cycles for initial access shown.
Hi-Z
Hi-Z
Hi-Z
12
3
4
5
7
8
tRDYS
tBACC
tACC
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com