| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB97C102 bảng dữ liệu(PDF) 22 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB97C102 bảng dữ liệu(HTML) 22 Page - SMSC Corporation |
|
22 / 80 page ![]() SMSC DS – USB97C102 Page 22 Rev. 03/23/2000 Table 20 – 8051 GP FIFO4 GP_FIFO4 (0x7F16 - RESET=0xXX) 8051 GP FIFO4 BIT NAME R/W DESCRIPTION [7:0] GP_FIFO4 R/W 8 byte deep GP FIFO. This data FIFOs must not be read unless the associated status bit indicates that FIFO is not empty. FIFO Status Registers Table 21 – 8051 GP FIFO 1 STATUS GPFIFO1_STS (0x7F11 – RESET=0x01) 8051 GP FIFO STATUS BIT NAME R/W DESCRIPTION [7:2] Reserved R Reserved 1 GPFIFO1_FULL R GP FIFO 1 full status 0 = Not FULL 1 = FULL 0 GPFIFO1_EMPTY R GP FIFO 1 empty status 0 = Has one or more TX packet 1 = Empty Table 22 – 8051 GP FIFO 2 STATUS GPFIFO2_STS (0x7F13 – RESET=0x01) 8051 GP FIFO 2 STATUS BIT NAME R/W DESCRIPTION [7:2] Reserved R Reserved 1 GPFIFO2_FULL R GP FIFO 2 full status 0 = Not FULL 1 = FULL 0 GPFIFO2_EMPTY R GP FIFO 2 empty status 0 = Has one or more TX packet 1 = Empty Table 23 – 8051 GP FIFO 3 STATUS GPFIFO3_STS (0x7F15 – RESET=0x01) 8051 GP FIFO 3 STATUS BIT NAME R/W DESCRIPTION [7:2] Reserved R Reserved 1 GPFIFO3_FULL R GP FIFO 3 full status 0 = Not FULL 1 = FULL 0 GPFIFO3_EMPTY R GP FIFO 3 empty status 0 = Has one or more TX packet 1 = Empty Table 24 – 8051 GP FIFO 4 STATUS GPFIFO4_STS (0x7F17 – RESET=0x01) 8051 GP FIFO STATUS BIT NAME R/W DESCRIPTION [7:2] Reserved R Reserved 1 GPFIFO4_FULL R GP FIFO 4 full status 0 = Not FULL 1 = FULL 0 GPFIFO4_EMPTY R GP FIFO 4 empty status 0 = Has one or more TX packet 1 = Empty |