công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

THGAMRG7T13BAIL bảng dữ liệu(PDF) 19 Page - Toshiba Semiconductor

tên linh kiện THGAMRG7T13BAIL
Giải thích chi tiết về linh kiện  16GB THGAMRG7T13BAIL
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THGAMRG7T13BAIL bảng dữ liệu(HTML) 19 Page - Toshiba Semiconductor

Back Button THGAMRG7T13BAIL Datasheet HTML 15Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 16Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 17Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 18Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 19Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 20Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 21Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 22Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 23Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
THGAMRG7T13BAIL
19
February 14th, 2019
© 2019 Toshiba Memory Corporation
Bus Timing for DAT signals for during 2x data rate operation
These timings applies to the DAT[7:0] signals only when the device is configured for dual data mode operation. In
this dual data mode, the DAT signals operates synchronously of both the rising and the falling edges of CLK. The
CMD signal still operates synchronously of the rising edge of CLK and therefore complies with the bus timing
specified in High-speed interface timing or Backward-compatible interface timing.
High-speed dual data rate interface timings
Parameter
Symbol
Min
Max
Unit
Remark
Input CLK Note 1
Clock duty cycle
45
55
%
Includes jitter, phase noise
Clock rise time
tTLH
3
ns
CL ≤ 30pF
Clock fall time
tTHL
3
ns
CL ≤ 30pF
Input CMD (referenced to CLK-SDR mode)
Input set-up time
tISUddr
3
ns
CL ≤ 20pF
Input hold time
tIHddr
3
ns
CL ≤ 20pF
Output CMD (referenced to CLK-SDR mode)
Output delay time during data transfer
tODLY
13.7
ns
CL ≤ 20pF
Output hold time
tOH
2.5
ns
CL ≤ 20pF
Signal rise time
tRISE
3
ns
CL ≤ 20pF
Signal fall time
tFALL
3
ns
CL ≤ 20pF
CLK
Output
50% VCCQ
tPP
50% VCCQ
min(VIH)
min(VOH)
max(VIL)
max(VOL)
DATA
DATA
DATA
tIHddr
tIHddr
min(VIH)
max(VIL)
Input
DATA
DATA
DATA
tISUddr
tISUddr
tODLYddr(max)
tODLYddr(max)
tODLYddr(min)
tODLYddr(min)
In DDR mode data on DAT[7:0] lines are sampled on both edges of the clock
(not applicable for CMD line).
Invalid
Invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com