công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

THGAMRG7T13BAIL bảng dữ liệu(PDF) 11 Page - Toshiba Semiconductor

tên linh kiện THGAMRG7T13BAIL
Giải thích chi tiết về linh kiện  16GB THGAMRG7T13BAIL
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THGAMRG7T13BAIL bảng dữ liệu(HTML) 11 Page - Toshiba Semiconductor

Back Button THGAMRG7T13BAIL Datasheet HTML 7Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 8Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 9Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 10Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 11Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 12Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 13Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 14Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
THGAMRG7T13BAIL
11
February 14th, 2019
© 2019 Toshiba Memory Corporation
CSD-slice
Name
Field
Size
(Bytes)
Cell Type
Value
[32]
Flushing of the cache
FLUSH_CACHE
1
W/E_P
0x00
[31]
Control to turn the Barrier ON/OFF
BARRIER_CTRL
1
R/W
0x00
[30]
Mode config
MODE_CONFIG
1
R/W/E_P
0x00
[29]
Mode operation codes
MODE_OPERATION_CODES
1
W/E_P
0x00
[28:27]
Reserved
-
2
-
All ‘0’
[26]
FFU status
FFU_STATUS
1
R
0x00
[25:22]
Pre loading data size Note 6
PRE_LOADING_DATA_SIZE
4
R/W/E_P
0x00
[21:18]
Max pre loading data size
MAX_PRE_LOADING_DATA
_SIZE
4
R
0x00994000
[17]
Product state awareness enablement Note 6
PRODUCT_STATE
_AWARENESS_ENABLEMENT
1
R/W/E
&R
0x01
[16]
Secure Removal Type
SECURE_REMOVAL_TYPE
1
R/W & R
0x01
[15]
Command Queue Mode Enable
CMDQ_MODE_EN
1
R/W/E_P
0x00
[14:0]
Reserved
-
15
-
All ‘0’
Note 1: Although these fields can be re-written by host, TOSHIBA Memory e-MMC does not support.
Note 2: Max Enhanced Area Size (MAX_ENH_SIZE_MULT [159:157]) has to be calculated by following formula.
Max Enhanced Area = MAX_ENH_SIZE_MULT x HC_WP_GRP_SIZE x HC_ERASE_GRP_SIZE x 512kBytes
 
area
enhanced
Max
area
data
user
Enhanced
i
size
partition
general
Enhanced
4
1
i
Note 3: General Purpose Partition Size (GP_SIZE_MULT_GP0 - GP_SIZE_MULT_GP3 [154:143]) has to be calculated
by following formula.
General_Purpose_Partition_X Size = (GP_SIZE_MULT_X_2 x 216 + GP_SIZE_MULT_X_1 x 28
+ GP_SIZE_MULT_X_0 x 20 ) x HC_WP_GRP_SIZE
x HC_ERASE_GRP_SIZE x 512kBytes
Note 4: Enhanced User Data Area Size (ENH_SIZE_MULT [142:140]) has to be calculated by following formula.
Enhanced User Data Area x Size = (ENH_SIZE_MULT_2 x 216 + ENH_SIZE_MULT_1 x 28
+ ENH_SIZE_MULT_0 x 20 ) x HC_WP_GRP_SIZE
x HC_ERASE_GRP_SIZE x 512kBytes
Note 5: Toshiba Memory recommends to issue the Power Off Notification before turning off the device, especially when
cache is on or AUTO_EN(BKOPS_EN[163]:bit1) is set to
‘1b’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com