công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

THGAMRG7T13BAIL bảng dữ liệu(PDF) 10 Page - Toshiba Semiconductor

tên linh kiện THGAMRG7T13BAIL
Giải thích chi tiết về linh kiện  16GB THGAMRG7T13BAIL
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THGAMRG7T13BAIL bảng dữ liệu(HTML) 10 Page - Toshiba Semiconductor

Back Button THGAMRG7T13BAIL Datasheet HTML 6Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 7Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 8Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 9Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 10Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 11Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 12Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 13Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
THGAMRG7T13BAIL
10
February 14th, 2019
© 2019 Toshiba Memory Corporation
CSD-slice
Name
Field
Size
(Bytes)
Cell Type
Value
[168]
RPMB Size
RPMB_SIZE_MULT
1
R
0x20
[167]
Write reliability setting register
WR_REL_SET
1
R/W
0x00
[166]
Write reliability parameter register
WR_REL_PARAM
1
R
0x15
[165]
Start Sanitize operation
SANITIZE_START
1
W/E_P
0x00
[164]
Manually start
background operations
BKOPS_START
1
W/E_P
0x00
[163]
Enable background operations handshake
BKOPS_EN
1
R/W
&
R/W/E
0x00
[162]
H/W reset function
RST_n_FUNCTION
1
R/W
0x00
[161]
HPI management
HPI_MGMT
1
R/W/E_P
0x00
[160]
Partitioning Support
PARTITIONING_SUPPORT
1
R
0x07
[159:157]
Max Enhanced Area Size Note 2
MAX_ENH_SIZE_MULT
3
R
0x00003D
[156]
Partitions attribute
PARTITIONS_ATTRIBUTE
1
R/W
0x00
[155]
Partitioning Setting
PARTITION_SETTING_COMPLET
ED
1
R/W
0x00
[154:143]
General Purpose Partition Size Note 3
GP_SIZE_MULT
12
R/W
0x00
[142:140]
Enhanced User Data Area Size Note 4
ENH_SIZE_MULT
3
R/W
0x00
[139:136]
Enhanced User Data Start Address
ENH_START_ADDR
4
R/W
0x00
[135]
Reserved
-
1
-
0x00
[134]
Bad Block Management mode
SEC_BAD_BLK_MGMNT
1
R/W
0x00
[133]
Production state awareness Note 6
PRODUCTION_STATE
_AWARENESS
1
R/W/E
0x00
[132]
Package Case Temperature is controlled Note 1
TCASE_SUPPORT
1
W/E_P
0x00
[131]
Periodic Wake-up Note 1
PERIODIC_WAKEUP
1
R/W/E
0x00
[130]
Program CID/CSD in DDR mode support
PROGRAM_CID_CSD_DDR_SUP
PORT
1
R
0x01
[129:128]
Reserved
-
2
-
All ‘0’
[127:64]
Vendor Specific Fields
VENDOR_SPECIFIC_FIELD
64
-
-
[63]
Native sector size
NATIVE_SECTOR_SIZE
1
R
0x00
[62]
Sector size emulation
USE_NATIVE_SECTOR
1
R/W
0x00
[61]
Sector size
DATA_SECTOR_SIZE
1
R
0x00
[60]
1st
initialization
after disabling sector size emulation
INI_TIMEOUT_EMU
1
R
0x00
[59]
Class 6 commands control
CLASS_6_CTRL
1
R/W/E_P
0x00
[58]
Number of addressed group to be Released
DYNCAP_NEEDED
1
R
0x00
[57:56]
Exception events control
EXCEPTION_EVENTS_CTRL
2
R/W/E_P
0x00
[55:54]
Exception events status
EXCEPTION_EVENTS_STATUS
2
R
All ‘0’
[53:52]
Extended partitions attribute Note 1
EXT_PARTITIONS_ATTRIBUTE
2
R/W
0x00
[51:37]
Context configuration
CONTEXT_CONF
15
R/W/E_P
0x00
[36]
Packed command status
PACKED_COMMAND_STATUS
1
R
0x00
[35]
Packed command failure index
PACKED_FAILURE_INDEX
1
R
0x00
[34]
Power Off Notification Note 5
POWER_OFF_NOTIFICATION
1
R/W/E_P
0x00
[33]
Control to turn the Cache ON/OFF
CACHE_CTRL
1
R/W/E_P
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com