công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMC131M02DFMR bảng dữ liệu(PDF) 49 Page - Texas Instruments

tên linh kiện AMC131M02DFMR
Giải thích chi tiết về linh kiện  AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AMC131M02DFMR bảng dữ liệu(HTML) 49 Page - Texas Instruments

Back Button AMC131M02DFMR Datasheet HTML 45Page - Texas Instruments AMC131M02DFMR Datasheet HTML 46Page - Texas Instruments AMC131M02DFMR Datasheet HTML 47Page - Texas Instruments AMC131M02DFMR Datasheet HTML 48Page - Texas Instruments AMC131M02DFMR Datasheet HTML 49Page - Texas Instruments AMC131M02DFMR Datasheet HTML 50Page - Texas Instruments AMC131M02DFMR Datasheet HTML 51Page - Texas Instruments AMC131M02DFMR Datasheet HTML 52Page - Texas Instruments AMC131M02DFMR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 89 page
background image
DRDY
CS
SCLK
DOUT
CRC
Data
Data
Hi-Z
Status
CRC
Data
Time where data is
not being read
SYNC Pulse
SYNC / RESET
Figure 8-29. Collecting Data After a Pause Using the SYNC/RESET Pin
Another functionally equivalent method for clearing the FIFO after a pause in collecting data is to begin by
reading two samples in quick succession. Figure 8-30 shows this method. This example shows that when the
DRDY_FMT bit in the MODE register is set to 0b, DRDY is a level output. There is a very narrow pulse on
DRDY immediately after the first set of data are shifted out of the device. This pulse can be too narrow for some
microcontrollers to detect. Therefore, do not rely upon this pulse but instead immediately read out the second
data set after the first data set. The host operates synchronous to the device after the second word is read from
the device.
DRDY
CS
SCLK
DOUT
CRC
Data
Data
Hi-Z
Status
CRC
Data
Status
CRC
Data
Time where data is
not being read
Narrow DRDY Pulse
Data is read a
second time
Figure 8-30. Collecting Data After a Pause by Reading Data Twice
www.ti.com
AMC131M02
SBASA56 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: AMC131M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com