công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMC131M02DFMR bảng dữ liệu(PDF) 37 Page - Texas Instruments

tên linh kiện AMC131M02DFMR
Giải thích chi tiết về linh kiện  AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AMC131M02DFMR bảng dữ liệu(HTML) 37 Page - Texas Instruments

Back Button AMC131M02DFMR Datasheet HTML 33Page - Texas Instruments AMC131M02DFMR Datasheet HTML 34Page - Texas Instruments AMC131M02DFMR Datasheet HTML 35Page - Texas Instruments AMC131M02DFMR Datasheet HTML 36Page - Texas Instruments AMC131M02DFMR Datasheet HTML 37Page - Texas Instruments AMC131M02DFMR Datasheet HTML 38Page - Texas Instruments AMC131M02DFMR Datasheet HTML 39Page - Texas Instruments AMC131M02DFMR Datasheet HTML 40Page - Texas Instruments AMC131M02DFMR Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 89 page
background image
Figure 8-20 shows a block diagram of the global-chop mode implementation. The combined PGA and ADC
internal offset voltage is modeled as VOFS. Only this device-inherent offset voltage is reduced by global-chop
mode. Offset in the external circuitry connected to the analog inputs is not affected by global-chop mode.
VOFS
PGA
ADC
Digital
Filter
Global-Chop
Mode Control
Conversion Output
Chop Switch
AINnP
AINnN
GC_EN
+ -
Figure 8-20. Global-Chop Mode Implementation
The conversion period in global-chop mode differs from the conversion time when global-chop mode is disabled
(tDATA = OSR × tMOD). Figure 8-21 shows the conversion timing for an ADC channel using global-chop mode.
Sampling
n
xx
Data not
settled
Swap inputs,
digital filter reset
Conversion
start
tGC_FIRST CONVERSION
Data not
settled
x
Global-chop delay
Modulator sampling
ADC overhead
Sampling
n
Sampling
n
Sampling
n + 1
xx
Sampling
n + 1
Sampling
n + 1
Sampling
n + 2
x
Sampling
n + 2
Sampling
n + 2
Sampling
n + 3
x
Sampling
n + 3
Sampling
n + 3
Data not
settled
Data not
settled
1
st global-chop
conversion result
2
nd global-chop
conversion result
tGC_CONVERSION
tDATA
Figure 8-21. Conversion Timing With Global-Chop Mode Enabled
Every time the device swaps the input polarity, the digital filter is reset. The ADC then always takes three internal
conversions to produce one settled global-chop conversion result.
The AMC131M02 provides a programmable delay (tGC_DLY) between the end of the previous conversion period
and the beginning of the subsequent conversion period after the input polarity is swapped. This delay allows
external input circuitry to settle because the chopping switches interface directly with the analog inputs. The
GC_DLY[3:0] bits in the GLOBAL_CHOP_CFG register configure the delay after chopping the inputs. The
global-chop delay is selected in terms of modulator clock periods from 2 to 65,536 × tMOD.
The effective conversion period in global-chop mode follows Equation 8. A DRDY falling edge is generated each
time a new global-chop conversion becomes available to the host.
The conversion process of all ADC channels in global-chop mode is restarted in the following two conditions so
that all channels start sampling at the same time:
• Falling edge of the SYNC/RESET pin
• Change of the OSR setting
The conversion period of the first conversion after the ADC channels are reset is considerably longer than
the conversion period of all subsequent conversions mentioned in Equation 8 because the device must first
perform two fully settled internal conversions with the input polarity swapped. The conversion period for the first
conversion in global-chop mode follows Equation 9.
tGC_CONVERSION = tGC_DLY + 3 × OSR × tMOD
(8)
tGC_FIRST_CONVERSION = tGC_DLY + 3 × OSR × tMOD + tGC_DLY + 3 × OSR × tMOD + 44 × tMOD
(9)
Using global-chop mode reduces the ADC noise listed in Table 7-1 at a given OSR by a factor of √2 because two
consecutive internal conversions are averaged to yield one global-chop conversion result. The DC test signal
cannot be measured in global-chop mode.
Phase calibration is automatically disabled in global-chop mode.
www.ti.com
AMC131M02
SBASA56 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: AMC131M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com