| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT83SND2CMP3B bảng dữ liệu(PDF) 136 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT83SND2CMP3B bảng dữ liệu(HTML) 136 Page - ATMEL Corporation |
|
136 / 241 page ![]() 136 4341F–MP3–03/06 AT8xC51SND2C/MP3B Figure 18-1. Sequential Read Operation Figure 18-2. (Multiple) Block Read Operation As shown in Figure 18-3 and Figure 18-4 the data write operation uses a simple busy signalling of the write operation duration on the data line (MDAT). Figure 18-3. Sequential Write Operation Figure 18-4. Multiple Block Write Operation Figure 18-5. No Response and No Data Operation Data Stream Command Response MCMD MDAT Data Stop Operation Data Transfer Operation Command Response Stop Command Data Block MCMD MDAT Data Stop Operation Block Read Operation CRC Multiple Block Read Operation Command Response Command Response Data Block CRC Data Block CRC Stop Command Data Stream MCMD MDAT Data Stop Operation Data Transfer Operation Command Response Command Response Stop Command Busy MCMD MDAT Data Stop Operation Block Write Operation Multiple Block Write Operation Busy Data Block CRC Data Block CRC Command Response Command Response Stop Command Status Busy Status Command MCMD MDAT No Data Operation No Response Operation Command Response |