công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT83SND2CMP3B bảng dữ liệu(PDF) 84 Page - ATMEL Corporation

tên linh kiện AT83SND2CMP3B
Giải thích chi tiết về linh kiện  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3B bảng dữ liệu(HTML) 84 Page - ATMEL Corporation

Back Button AT83SND2CMP3B Datasheet HTML 80Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 81Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 82Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 83Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 84Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 85Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 86Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 87Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 88Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 241 page
background image
84
4341F–MP3–03/06
AT8xC51SND2C/MP3B
15.1.3
Serial Audio DAC Interface
The serial audio DAC interface is a Synchronous Peripheral Interface (SPI) in slave mode:
•
AUDCDIN: is used to transfer data in series from the master to the slave DAC.
It is driven by the master.
•
AUDCDOUT: is used to transfer data in series from the slave DAC to the master.
It is driven by the selected slave DAC.
•
Serial Clock (AUDCCLK): it is used to synchronize the data transmission both in and out the
devices through the AUDCDIN and AUDCDOUT lines.
Note:
Refer to Table 15-11. for DAC SPI Interface Description
Figure 15-6. Serial Audio Interface
Protocol is as following to access DAC registers:
Audio
PA
Audio
DAC
AUDCDIN
AUDCCLK
AUDCCS
AUDCDOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More