| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS7030B bảng dữ liệu(PDF) 116 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS7030B bảng dữ liệu(HTML) 116 Page - ams AG |
|
116 / 129 page ![]() Document Feedback AS7030B Functional Description Datasheet • PUBLIC DS000716 • v1-00 • 2020-Jun-10 128 │ 115 Addr: 0x0b GPIO_I Bit Bit Name Default Access Bit Description 3 gpio3_i 0 RO The digital value sensed on GPIO3 2 gpio2_i 0 RO The digital value sensed on GPIO2 1 gpio1_i 0 RO The digital value sensed on GPIO1 0 gpio0_i 0 RO The digital value sensed on GPIO0 GPIO_P (Address 0x0c) Figure 157: GPIO_P Register Addr: 0x0c GPIO_P Bit Bit Name Default Access Bit Description 7 gpio3_pd 0 RW GPIO3 pulldown configuration 0: No pulldown on GPIO3 1: Pulldown to GND on GPIO3 6 gpio3_pu 0 RW GPIO3 pullup configuration 0: No pullup on GPIO3 1: Pullup to VDD on GPIO3 5 gpio2_pd 0 RW GPIO2 pulldown configuration 4 gpio2_pu 0 RW GPIO2 pullup configuration 3 gpio1_pd 0 RW GPIO1 pulldown configuration 2 gpio1_pu 0 RW GPIO1 pullup configuration 1 gpio0_pd 0 RW GPIO0 pulldown configuration 0 gpio0_pu 0 RW GPIO0 pullup configuration GPIO_SR (Address 0x0d) Figure 158: GPIO_SR Register Addr: 0x0d GPIO_SR Bit Bit Name Default Access Bit Description 7:4 Not used 0 RW Not used |