| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS7030B bảng dữ liệu(PDF) 94 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS7030B bảng dữ liệu(HTML) 94 Page - ams AG |
|
94 / 129 page ![]() Document Feedback AS7030B Functional Description Datasheet • PUBLIC DS000716 • v1-00 • 2020-Jun-10 128 │ 93 ECG Lead OFF Detection Figure 121: ECG Lead-OFF Detection The ECG lead OFF detection can be used for detection if the user actually touches the leads. It is a circuitry to measure the capacitor and/or resistance between the two lead inputs ECG_INP and ECG_INN. ECG_INP ECG_REF 2x10M GND ecg_leadsdet_curr 20nA/100nA/500nA/1µA to ADC channel ecgi ecg_leadsdet_en ecg_leadsdet_en ecg_leadsdet_sync_adc If ecg_leaddet_sync_adc is set, the leads detect current is reversed by toggling ecg_leadset_pol on every start of a sequencer period, where an ADC conversion of ECG_INP is performed. This concept allows the measurement of the connected resistor and capacitor between the electrodes. on ecg_leadsdet_pol updates ecg_leadsdet_sync_adc=1 IECG_INP VECG_INP sequencer start period ADC convert start ADC convert start ADC convert seq_adc seq_adc seq_adc ecg_low_leakage_en |