| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS7030B bảng dữ liệu(PDF) 55 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS7030B bảng dữ liệu(HTML) 55 Page - ams AG |
|
55 / 129 page ![]() Document Feedback AS7030B Functional Description Datasheet • PUBLIC DS000716 • v1-00 • 2020-Jun-10 128 │ 54 SEQ_SDP1_STA (Address 0x3a) Figure 52: SEQ_SDP1_STA Register Addr: 0x3a SEQ_SDP1_STA Bit Bit Name Default Access Bit Description 7:0 seq_sdp1_start 0 RW Positive multiplication start time 1 The SEQ_SDP register sets the synchronous demodulator positive multiplication time. Data is stored as 8-bit value. SEQ_SDP1_STO (Address 0x3b) Figure 53: SEQ_SDP1_STO Register Addr: 0x3b SEQ_SDP1_STO Bit Bit Name Default Access Bit Description 7:0 seq_sdp1_stop 0 RW Positive multiplication stop time 1 SEQ_SDP2_STA (Address 0x3c) Figure 54: SEQ_SDP2_STA Register Addr: 0x3c SEQ_SDP2_STA Bit Bit Name Default Access Bit Description 7:0 seq_sdp2_start 0 RW Positive multiplication start time 2 The SEQ_SDP register sets the synchronous demodulator positive multiplication time. Data is stored as 8-bit value. |