| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC1270AMAVRCTR bảng dữ liệu(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC1270AMAVRCTR bảng dữ liệu(HTML) 29 Page - Microchip Technology |
|
29 / 42 page ![]() 2007-2022 Microchip Technology Inc. and its subsidiaries DS20002035F-page 29 TC1270A/70AN/71A Package Marking Information (Continued) XXNN Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. 3 e 3 e Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. Example: Part Number Code Part Number Code TC1270ALVRCTR D1 TC1270ANMAVRCTR E9 TC1270AMVRCTR D2 TC1270ANLAVRCTR EA TC1270ATVRCTR D3 TC1270ANRBVRCTR EB TC1270ASVRCTR D4 TC1270ANSBVRCTR EC TC1270ARVRCTR D5 TC1270ANTBVRCTR ED TC1270ARAVRCTR D6 TC1270ANMBVRCTR EE TC1270ASAVRCTR D7 TC1270ANLBVRCTR EF TC1270ATAVRCTR D8 TC1271ALVRCTR C1 TC1270AMAVRCTR D9 TC1271AMVRCTR C2 TC1270ALAVRCTR DA TC1271ATVRCTR C3 TC1270ARBVRCTR DB TC1271ASVRCTR C4 TC1270ASBVRCTR DC TC1271ARVRCTR C5 TC1270ATBVRCTR DD TC1271ARAVRCTR C6 TC1270AMBVRCTR DE TC1271ASAVRCTR C7 TC1270ALBVRCTR DF TC1271ATAVRCTR C8 TC1270ANLVRCTR E1 TC1271AMAVRCTR C9 TC1270ANMVRCTR E2 TC1271ALAVRCTR CA TC1270ANTVRCTR E3 TC1271ARBVRCTR CB TC1270ANSVRCTR E4 TC1271ASBVRCTR CC TC1270ANRVRCTR E5 TC1271ATBVRCTR CD TC1270ANRAVRCTR E6 TC1271AMBVRCTR CE TC1270ANSAVRCTR E7 TC1271ALBVRCTR CF TC1270ANTAVRCTR E8 TC1270ARVRCTR-VAO D5 Note: The content of these tables applies to 4-Lead SOT-143. 4-Lead SOT-143 XXNN CD25 |