| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC1270AMAVRCTR bảng dữ liệu(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC1270AMAVRCTR bảng dữ liệu(HTML) 19 Page - Microchip Technology |
|
19 / 42 page ![]() 2007-2022 Microchip Technology Inc. and its subsidiaries DS20002035F-page 19 TC1270A/70AN/71A has been detected, the Reset Delay Timer (tRST) starts. When the tRST time completes, the Reset pin is driven inactive. FIGURE 4-8: RST Operation as Determined by the VTRIP. TABLE 4-3: RESET PIN STATES Device State of RST Pin when: State of RST Pin when: Output Driver VDD < VTRIP VDD > VTRIP(1) VDD < VTRIP VDD > VTRIP(1) TC1270A L H — — Push-Pull TC1271A — — H L Push-Pull Note 1: The RST/RST pin will be driven inactive after the Reset Delay Timer (tRST) times out. VDD VTRIP RST(1) 1V < 1V is outside the device specifications tRD tRST tRD tRST VTRIP (with VDD Falling) (with VDD Rising) Note 1: The TC1270AN requires an external pull-up resistor. |