| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC1270AMAVRCTR bảng dữ liệu(PDF) 28 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC1270AMAVRCTR bảng dữ liệu(HTML) 28 Page - Microchip Technology |
|
28 / 42 page ![]() TC1270A/70AN/71A DS20002035F-page 28 2007-2022 Microchip Technology Inc. and its subsidiaries 9.0 PACKAGING INFORMATION 9.1 Package Marking Information 5-Lead SOT-23 Part Number Code Part Number Code TC1270ALVCTTR F1 TC1270ANLAVCTTR H9 TC1270AMVCTTR F2 TC1270ANRBVCTTR PK TC1270ATVCTTR F3 TC1270ANSBVCTTR PL TC1270ASVCTTR F4 TC1270ANTBVCTTR PM TC1270ARVCTTR F5 TC1270ANMBVCTTR PP TC1270ARAVCTTR G5 TC1270ANLBVCTTR PQ TC1270ASAVCTTR G6 TC1271ALVCTTR J1 TC1270ATAVCTTR G7 TC1271AMVCTTR J2 TC1270AMAVCTTR G8 TC1271ATVCTTR J3 TC1270ALAVCTTR G9 TC1271ASVCTTR J4 TC1270ARBVCTTR LM TC1271ARVCTTR J5 TC1270ASBVCTTR LP TC1271ARAVCTTR K5 TC1270ATBVCTTR LQ TC1271ASAVCTTR K6 TC1270AMBVCTTR LR TC1271ATAVCTTR K7 TC1270ALBVCTTR LS TC1271AMAVCTTR K8 TC1270ANLVCTTR FS TC1271ALAVCTTR K9 TC1270ANMVCTTR FT TC1271ARBVCTTR RK TC1270ANTVCTTR FU TC1271ASBVCTTR RL TC1270ANSVCTTR FV TC1271ATBVCTTR RM TC1270ANRVCTTR FW TC1271AMBVCTTR RP TC1270ANRAVCTTR H5 TC1271ALBVCTTR RQ TC1270ANSAVCTTR H6 TC1270ASBVCTTRVAO LP TC1270ANTAVCTTR H7 TC1270AMBVCTTR-VAO LR TC1270ANMAVCTTR H8 TC1270ANSBVCTTR-VAO PL Note: The content of these tables applies to 5-Lead SOT-23. Example: Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. 3 e 3 e Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. F125 |