công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LAN9218 bảng dữ liệu(PDF) 37 Page - SMSC Corporation

tên linh kiện LAN9218
Giải thích chi tiết về linh kiện  High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9218 bảng dữ liệu(HTML) 37 Page - SMSC Corporation

Back Button LAN9218 Datasheet HTML 33Page - SMSC Corporation LAN9218 Datasheet HTML 34Page - SMSC Corporation LAN9218 Datasheet HTML 35Page - SMSC Corporation LAN9218 Datasheet HTML 36Page - SMSC Corporation LAN9218 Datasheet HTML 37Page - SMSC Corporation LAN9218 Datasheet HTML 38Page - SMSC Corporation LAN9218 Datasheet HTML 39Page - SMSC Corporation LAN9218 Datasheet HTML 40Page - SMSC Corporation LAN9218 Datasheet HTML 41Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 130 page
background image
High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
Datasheet
SMSC LAN9218
37
Revision 1.5 (07-18-06)
DATASHEET
noted above, the host is required to check the READY bit and verify that it is set before attempting
any other reads or writes of the device.
Note 3.7
The host must do only read accesses prior to the ready bit being set.
Once the READY bit is set, the LAN9218 is ready to resume normal operation. At this time the WUPS
field can be cleared.
3.11.2.2
D2 Sleep
In this state, as shown in Table 3.9, all clocks to the MAC and host bus are disabledand the PHY is
placed in a reduced power state. To enter this state, the EDPWRDOWN bit in register 17 of the PHY
(Mode Control/Status register) must be set. This places the PHY in the Energy Detect mode. The
PM_MODE bits in the PMT_CTRL register must then be set to 10b. Upon setting the PM_MODE bits,
the LAN9218 will enter the D2 sleep state. The READY bit in PMT_CTRL is cleared when entering the
D2 state.
Note 3.8
If carrier is present when this state is entered detection will occur immediately.
If properly enabled via the ED_EN and PME_EN bits, the LAN9218 will assert the PME hardware
signal upon detection of a valid carrier. Upon detection, the WUPS field in PMT_CTRL will be set to
a 01b.
Note 3.9
The PME interrupt status bit on the INT_STS register (PME_INT) is set regardless of the
setting of PME_EN.
A write to the BYTE_TEST register, regardless of whether a carrier was detected, will return the
LAN9218 to the D0 state and will reset the PM_MODE field to the D0 state. As noted above, the host
is required to check the READY bit and verify that it is set before attempting any other reads or writes
of the device. Before the LAN9218 is fully awake from this state the EDPWRDOWN bit in register 17
of the PHY must be cleared in order to wake the PHY. Do not attempt to clear the EDPWRDOWN bit
until the READY bit is set. After clearing the EDPWRDOWN bit the LAN9218 is ready to resume
normal operation. At this time the WUPS field can be cleared.
Table 3.9 Power Management States
LAN9218
BLOCK
D0
(NORMAL OPERATION)
D1
(WOL)
D2
(ENERGY DETECT)
PHY
Full ON
Full ON
Energy Detect Power-Down
MAC Power
Management
Full ON
RX Power Mgmt. Block
On
OFF
MAC and Host
Interface
Full ON
OFF
OFF
Internal Clock
Full ON
Full ON
OFF
KEY
CLOCK ON
BLOCK DISABLED – CLOCK ON
FULL OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com