công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LAN9218 bảng dữ liệu(PDF) 18 Page - SMSC Corporation

tên linh kiện LAN9218
Giải thích chi tiết về linh kiện  High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9218 bảng dữ liệu(HTML) 18 Page - SMSC Corporation

Back Button LAN9218 Datasheet HTML 14Page - SMSC Corporation LAN9218 Datasheet HTML 15Page - SMSC Corporation LAN9218 Datasheet HTML 16Page - SMSC Corporation LAN9218 Datasheet HTML 17Page - SMSC Corporation LAN9218 Datasheet HTML 18Page - SMSC Corporation LAN9218 Datasheet HTML 19Page - SMSC Corporation LAN9218 Datasheet HTML 20Page - SMSC Corporation LAN9218 Datasheet HTML 21Page - SMSC Corporation LAN9218 Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 130 page
background image
High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
Datasheet
Revision 1.5 (07-18-06)
18
SMSC LAN9218
DATASHEET
70
Wakeup Indicator
PME
O8/OD8
1
When programmed to do so, is
asserted when the LAN9218 detects
a wake event and is requesting the
system to wake up from the
associated sleep state. The polarity
and buffer type of this signal is
programmable.
Note:
Detection of a Power
Management Event, and
assertion of the PME signal
will not wakeup the
LAN9218. The LAN9218 will
only wake up when it
detects a host write cycle
(assertion of nCS and
nWR). Although any write to
the LAN9218, regardless of
the data written, will wake-
up the device when it is in a
power-saving mode, it is
required that the
BYTE_TEST register be
used for this purpose.
100,99
,98
General Purpose
I/O data,
nLED1 (Speed
Indicator),
nLED2 (Link &
Activity Indicator),
nLED3 (Full-
Duplex
Indicator).
GPIO[2:0]/
LED[3:1]
IS/O12/
OD12
3
General Purpose I/O data: These
three general-purpose signals are
fully programmable as either push-
pull output, open-drain output or input
by writing the GPIO_CFG
configuration register in the CSR’s.
They are also multiplexed as GP LED
connections.
GPIO signals are Schmitt-triggered
inputs. When configured as LED
outputs these signals are open-drain.
nLED1 (Speed Indicator). This
signal is driven low when the
operating speed is 100Mbs, during
auto-negotiation and when the cable
is disconnected. This signal is driven
high only during 10Mbs operation.
nLED2 (Link & Activity Indicator).
This signal is driven low (LED on)
when the LAN9218 detects a valid
link. This signal is pulsed high (LED
off) for 80mS whenever transmit or
receive activity is detected. This
signal is then driven low again for a
minimum of 80mS, after which time it
will repeat the process if TX or RX
activity is detected. Effectively, LED2
is activated solid for a link. When
transmit or receive activity is sensed
LED2 will flash as an activity
indicator.
nLED3 (Full-Duplex Indicator). This
signal is driven low when the link is
operating in full-duplex mode.
Table 2.5 System and Power Signals (continued)
PIN
NO.
NAME
SYMBOL
BUFFER
TYPE
NUM
PINS
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More