công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LAN9218 bảng dữ liệu(PDF) 35 Page - SMSC Corporation

tên linh kiện LAN9218
Giải thích chi tiết về linh kiện  High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9218 bảng dữ liệu(HTML) 35 Page - SMSC Corporation

Back Button LAN9218 Datasheet HTML 31Page - SMSC Corporation LAN9218 Datasheet HTML 32Page - SMSC Corporation LAN9218 Datasheet HTML 33Page - SMSC Corporation LAN9218 Datasheet HTML 34Page - SMSC Corporation LAN9218 Datasheet HTML 35Page - SMSC Corporation LAN9218 Datasheet HTML 36Page - SMSC Corporation LAN9218 Datasheet HTML 37Page - SMSC Corporation LAN9218 Datasheet HTML 38Page - SMSC Corporation LAN9218 Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 130 page
background image
High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
Datasheet
SMSC LAN9218
35
Revision 1.5 (07-18-06)
DATASHEET
WRAL (Write All): If erase/write operations are enabled in the EEPROM, this command will cause the
contents of the E2P_DATA register to be written to every EEPROM memory location. The EPC_TO bit
is set if the EEPROM does not respond within 30ms.
Figure 3.9 EEPROM WRAL Cycle
Table 3.8, "Required EECLK Cycles", shown below, shows the number of EECLK cycles required for
each EEPROM operation.
3.10.2.2
MAC Address Reload
The MAC address can be reloaded from the EEPROM via a host command to the E2P_CMD register.
If a value of 0xA5h is not found in the first address of the EEPROM, the EEPROM is assumed to be
un-programmed and MAC Address Reload operation will fail. The “MAC Address Loaded” bit indicates
a successful load of the MAC address. The EPC_LOAD bit is set after a successful reload of the MAC
address.
3.10.2.3
EEPROM Command and Data Registers
Refer to Section 5.3.23, "E2P_CMD – EEPROM Command Register," on page 90 and Section 5.3.24,
"E2P_DATA – EEPROM Data Register," on page 92 for a detailed description of these registers.
Supported EEPROM operations are described in these sections.
3.10.2.4
EEPROM Timing
Refer to Section 6.9, "EEPROM Timing," on page 124 for detailed EEPROM timing specifications.
Table 3.8 Required EECLK Cycles
OPERATION
REQUIRED EECLK CYCLES
ERASE
10
ERAL
10
EWDS
10
EWEN
10
READ
18
WRITE
18
WRAL
18
0
EECLK
EEDIO (INPUT)
EEDIO (OUTPUT)
EECS
1
D7
D0
0
01
t
CSL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com