công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M58BW16F bảng dữ liệu(PDF) 34 Page - STMicroelectronics

tên linh kiện M58BW16F
Giải thích chi tiết về linh kiện  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW16F bảng dữ liệu(HTML) 34 Page - STMicroelectronics

Back Button M58BW16F Datasheet HTML 30Page - STMicroelectronics M58BW16F Datasheet HTML 31Page - STMicroelectronics M58BW16F Datasheet HTML 32Page - STMicroelectronics M58BW16F Datasheet HTML 33Page - STMicroelectronics M58BW16F Datasheet HTML 34Page - STMicroelectronics M58BW16F Datasheet HTML 35Page - STMicroelectronics M58BW16F Datasheet HTML 36Page - STMicroelectronics M58BW16F Datasheet HTML 37Page - STMicroelectronics M58BW16F Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 81 page
background image
Command interface
M58BW16F, M58BW32F
34/81
4.7
Erase All Main Blocks command
The Erase All Main Blocks command is used to erase all 63 Main Blocks, without affecting
the Parameter Blocks.
Issuing the Erase All Main Blocks command sets every bit in each Main Block to '1'. All data
previously stored in the Main Blocks are lost.
Two Bus Write cycles are required to issue the Erase All Main Blocks command. The first
cycle sets up the command, the second cycle confirms the command and starts the
Program/Erase Controller. If the Confirm Command is not given the sequence is aborted,
and Status Register bits 4 and 5 are set to '1'.
If the address given in the second cycle is located in a protected block, the Erase All Main
Blocks operation aborts. The data remains unchanged in all blocks and the Status Register
outputs the error.
Once the Erase All Main Blocks command has been issued, subsequent Bus Read
operations output the Status Register. See the Status Register section for details.
During an Erase All Main Blocks operation, only the Read Status Register command is
accepted by the memory; any other command are ignored. Erase All Main Blocks, once
started, cannot be suspended.
If PEN is at VIH, the operation will be performed. If PEN is lower than VIH the operation
aborts and the Status Register PEN bit (bit 3) is set to '1'.
4.8
Program command
The Program command is used to program the memory array. Two Bus Write operations are
required to issue the command; the first write cycle sets up the Program command, the
second write cycle latches the address and data to be programmed and starts the
Program/Erase Controller. A program operation can be aborted by writing FFFFFFFFh to
any address after the program set-up command has been given.
The Program command is also used to program the OTP block. Refer to Table 10:
Commands, for details of the address.
Once the command is issued subsequent Bus Read operations read the Status Register.
See the section on the Status Register for details on the definitions of the Status Register
bits. During the Program operation the memory will only accept the Read Status Register
command and the Program/Erase Suspend command. All other commands will be ignored.
If Reset/Power-down, RP, falls to VIL during programming the operation will be aborted.
If PEN is at VIH, the operation can be performed. If PEN goes below VIH, the operation
aborts, the PEN Status bit in the Status Register is set to ‘1’ and the command must be re-
issued.
See Appendix A, Figure 24: Program flowchart and pseudo code, for a suggested flowchart
on using the Program command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com