| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S32K310 bảng dữ liệu(PDF) 24 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
S32K310 bảng dữ liệu(HTML) 24 Page - NXP Semiconductors |
|
24 / 136 page ![]() Table 9. HSE firmware memory verification time examples (continued) Symbol Description Min Typ Max Unit Condition Spec Number application firmware, using AES-128 HMAC cipher. D). CORE_CLK = 48 MHz; HSE_CLK = 48 MHz. tRSA_64KB Memory verification of 64 KB of application firmware, using RSA 2048 cipher. — 30.47 — ms Device running from FIRC (clocking option D). CORE_CLK = 48 MHz; HSE_CLK = 48 MHz. — tRSA_1024KB Memory verification of 1024 KB of application firmware, using RSA 2048 cipher. — 51.6 — ms Device running from FIRC (clocking option D). CORE_CLK = 48 MHz; HSE_CLK = 48 MHz. — tECDSA_64KB Memory verification of 64 KB of application firmware, using ECDSA 521 bits cipher. — 38.45 — ms Device running from FIRC (clocking option D). CORE_CLK = 48 MHz; HSE_CLK = 48 MHz. — tECDSA_1024KB Memory verification of 1024 KB of application firmware, using ECDSA 521 bits cipher. — 59.56 — ms Device running from FIRC (clocking option D). CORE_CLK = 48 MHz; HSE_CLK = 48 MHz. — tSHA2_256_64KB Memory verification of 64 KB of application firmware, using SHA2 256 bits bits cipher. — 1.62 — ms Device running from FIRC (clocking option D). CORE_CLK = 48 MHz; HSE_CLK = 48 MHz. — tSHA2_256_ 1024KB Memory verification of 1024 KB of application firmware, using SHA2 256 bits bits cipher. — 22.73 — ms Device running from FIRC (clocking option D). CORE_CLK = 48 MHz; HSE_CLK = 48 MHz. — tCMAC_64KB Memory verification of 64 KB of application firmware, using AES-128 CMAC cipher. — 6.7 — ms Device running from PLL (clocking option A). CORE_CLK = 160 MHz; HSE_CLK = 80 MHz. — tCMAC_1024KB Memory verification of 1024 KB of application firmware, using AES-128 CMAC cipher. — 104.8 — ms Device running from PLL (clocking option A). CORE_CLK = 160 MHz; HSE_CLK = 80 MHz. — Table continues on the next page... NXP Semiconductors Power management S32K3xx Data Sheet, Rev. 8, 06/2023 Data Sheet: Technical Data Preliminary Information for S32K3x8 24 / 136 |