| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IDT723663 bảng dữ liệu(PDF) 16 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
IDT723663 bảng dữ liệu(HTML) 16 Page - Renesas Technology Corp |
|
16 / 30 page ![]() 16 COMMERCIALTEMPERATURERANGE IDT723663/723673 CMOS SyncFIFOTM WITH BUS-MATCHING 4,096 x 36 x 2 and 8,192 x 36 x 2 NOTES: 1. RS1 must be HIGH during Partial Reset. 2. If BE/FWFT is HIGH, then EF/OR will go LOW one CLKB cycle earlier than in this case where BE/FWFT is LOW. Figure 4. Partial Reset (IDT Standard and FWFT Modes) NOTES: 1. PRS must be HIGH during Reset. 2. If BE/FWFT is HIGH, then EF/OR will go LOW one CLKB cycle earlier than in this case where BE/FWFT is LOW. Figure 3. Reset and Loading X and Y with a Preset Value of Eight (IDT Standard and FWFT Modes) tRSF CLKA RS1, RS2 FF/IR AE AF MBF1, MBF2 CLKB EF/OR FS2, FS1,FS0 5610 drw05 tRSTS tRSTH tFSH tFSS tWFF tREF(2) tRSF 0,1 tRSF BE BE/ FWFT FWFT tBES 1 2 tFWS tBEH tWFF RTM LOW CLKA PRS FF/IR AE AF MBF1, CLKB EF/OR 5610 drw 06 tRSTS tRSTH tWFF tWFF tREF tRSF tRSF tRSF MBF2 (2) RTM LOW |