công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PS05-181 bảng dữ liệu(PDF) 16 Page - Sumida Corporation

tên linh kiện PS05-181
Giải thích chi tiết về linh kiện  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SUMIDA [Sumida Corporation]
Trang chủ  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

PS05-181 bảng dữ liệu(HTML) 16 Page - Sumida Corporation

Back Button PS05-181 Datasheet HTML 12Page - Sumida Corporation PS05-181 Datasheet HTML 13Page - Sumida Corporation PS05-181 Datasheet HTML 14Page - Sumida Corporation PS05-181 Datasheet HTML 15Page - Sumida Corporation PS05-181 Datasheet HTML 16Page - Sumida Corporation PS05-181 Datasheet HTML 17Page - Sumida Corporation PS05-181 Datasheet HTML 18Page - Sumida Corporation PS05-181 Datasheet HTML 19Page - Sumida Corporation PS05-181 Datasheet HTML 20Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 156 page
background image
16
Power Inductors < For Automotive Application >
Power Inductors SMD Shielded Type
CDRH**D**/T125 Series
Recommended Automotive Application Type Withstand up to 125˚C (including self-heating)
CDRH5D28R/H125
CDRH6D38/T125
CDRH8D43R/T125
OUTLINE
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONNECTION
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONNECTION
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONNECTION
Operational Ambient Temperature : -40
°C~125°C(including self-heating up to 125°C)
Automotive reliability comply with AEC-Q200 standard.
It is the power inductor for automotive DC/DC converter application with revised and restudied structure and material from existing products.
Inductance Range
NOTE
CDRH5D28R/H125
CDRH6D38/T125
CDRH8D43R/T125
CDRH104R/T125
1.0
µH - 100µH
3.0
µH - 100µH
1.0
µH - 330µH
1.5
µH - 330µH
Measuring Freq.(L)100kHz
/ 特記事項
車載向け製品に可聴周波数を含んだ電流を流すと磁歪現象によるうなりが生じ、
うなり音が聞こえる場合がありますので、
うなり音が問題となるような用途で御使用の場合は、
可聴周波数及び可聴周波数成分を含んだ電流を流さないようにして下さい。また、御使用基板での搭載場所によっては、
うなり音を増幅させる可能性もありますので御注意下さい。
(1.0
µH - 10µH)
(15
µH - 330µH)
3.4
Max.3.0
Max.6.2
2.2
2.0
(1.0
µH - 10µH)
(15
µH - 100µH)
7.3
(3.0
µH - 15µH)
(22
µH - 100µH)
Max.4.0
Max.7.0
6.5
Max.8.3
Max.4.5
3.0
Please note that when using the product for automotive while applying current with audio-frequency (AF) signals may result in audible noises due to magnetostriction.
Also, in order to avoid an audible noise problem, operating with Non-AF signals would be recommended.The noise may amplify depending on the coil mount area on the PCB.
/ 概要
外形寸法図
推奨ランド寸法
端子接続
外形寸法図
推奨ランド寸法
端子接続
外形寸法図
推奨ランド寸法
端子接続
使用温度範囲:-40℃∼125℃(コイル自己発熱含む)
車載信頼性基準 AEC-Q200準拠
従来品の構造、材料を見直し、高温・高信頼性要求に対応。
(車載向け高温対応インダクタ)
/ インダクタンス範囲
/ インダクタンス測定周波数100kHz
CDRH104R/T125
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONNECTION
3.2
(15
µH - 33µH)
(1.5
µH - 10µH)
(47
µH - 330µH)
Max.10.3
Max.4.0
3.0
外形寸法図
推奨ランド寸法
端子接続



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com