công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PS05-181 bảng dữ liệu(PDF) 12 Page - Sumida Corporation

tên linh kiện PS05-181
Giải thích chi tiết về linh kiện  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SUMIDA [Sumida Corporation]
Trang chủ  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

PS05-181 bảng dữ liệu(HTML) 12 Page - Sumida Corporation

Back Button PS05-181 Datasheet HTML 8Page - Sumida Corporation PS05-181 Datasheet HTML 9Page - Sumida Corporation PS05-181 Datasheet HTML 10Page - Sumida Corporation PS05-181 Datasheet HTML 11Page - Sumida Corporation PS05-181 Datasheet HTML 12Page - Sumida Corporation PS05-181 Datasheet HTML 13Page - Sumida Corporation PS05-181 Datasheet HTML 14Page - Sumida Corporation PS05-181 Datasheet HTML 15Page - Sumida Corporation PS05-181 Datasheet HTML 16Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 156 page
background image
12
Power Inductors SMD Shielded Type
CDRH ** D** /A Series
OUTLINE
The operating temperature range is a maximum of 125
°C, and the inductance range is 2.4 - 560µH.
It matches as power inductor for DC-DC converters corresponding high temperature.
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONNECTION
CDRH40D18/A
Inductance Range
CDRH40D18/A
CDRH50D23A
CDRH60D28/A
CDRCH60D45/A
4.7
µH - 33µH
4.7
µH - 22µH
4.7
µH - 68µH
100
µH - 2.2mH
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONNECTION
CDRH50D23/A
Measuring Freq.(L)100kHz
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONNECTION
CDRH60D28/A
Power Inductors < For Automotive Application >
Recommended Automotive Application Type Withstand up to 125˚C
(excluding self-heating)
BOTTOM VIEW
BOTTOM VIEW
BOTTOM VIEW
BOTTOM VIEW
BOTTOM VIEW
BOTTOM VIEW
6.2
1.1
1.4
7.2
5.2
0.8
1.2
3.8
Max.4.5
Max.2.0
Max.2.5
Max.5.5
4.7
1.5
Max.6.5
5.6
1.8
Max.3.0
車載向け製品に可聴周波数を含んだ電流を流すと磁歪現象によるうなりが生じ、
うなり音が聞こえる場合がありますので、
うなり音が問題となるような用途で御使用の場合は、
可聴周波数及び可聴周波数成分を含んだ電流を流さないようにして下さい。また、御使用基板での搭載場所によっては、
うなり音を増幅させる可能性もありますので御注意下さい。
/ 特記事項
NOTE
Please note that when using the product for automotive while applying current with audio-frequency (AF) signals may result in audible noises due to magnetostriction.
Also, in order to avoid an audible noise problem, operating with Non-AF signals would be recommended.The noise may amplify depending on the coil mount area on the PCB.
About CDRH40D18/A, CDRH50D23/A, CDRH60D28/A, CDRCH60D45/A
本仕様は開発中につき、製品の改善等により記載内容を予告なく変更することがありますので、ご了承下さい。量産時期についてはお問合せ下さい。
This specification might be changed without notice due to under developing and improving. Please contact us for our mass production schedule.Thank you for your understanding.
PROVISIONAL
PROVISIONAL
PROVISIONAL
PROVISIONAL
DIMENSIONS (mm)
LAND PATTERNS (mm)
CDRCH60D45/A
CONNECTION
BOTTOM VIEW
裏面図
外形寸法図
推奨ランド寸法
端子接続
( 4.7
µH - 68µH )
Max.5.8
Max.4.8(Typ.4.5)
2.3
1.5
2.9
/ 概要
使用温度範囲125℃まで使用可能なインダクタです。インダクタンス範囲は2.4∼560μHまで取り揃えています。
高温対応のDC-DCコンバータ電源用のパワーインダクタコイルとして最適です。
外形寸法図
推奨ランド寸法
端子接続
外形寸法図
推奨ランド寸法
端子接続
/ インダクタンス範囲
/ インダクタンス測定周波数100kHz
外形寸法図
推奨ランド寸法
端子接続
NEW
裏面図
裏面図
裏面図
(車載向け高温対応インダクタ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com