công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PS05-181 bảng dữ liệu(PDF) 53 Page - Sumida Corporation

tên linh kiện PS05-181
Giải thích chi tiết về linh kiện  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SUMIDA [Sumida Corporation]
Trang chủ  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

PS05-181 bảng dữ liệu(HTML) 53 Page - Sumida Corporation

Back Button PS05-181 Datasheet HTML 49Page - Sumida Corporation PS05-181 Datasheet HTML 50Page - Sumida Corporation PS05-181 Datasheet HTML 51Page - Sumida Corporation PS05-181 Datasheet HTML 52Page - Sumida Corporation PS05-181 Datasheet HTML 53Page - Sumida Corporation PS05-181 Datasheet HTML 54Page - Sumida Corporation PS05-181 Datasheet HTML 55Page - Sumida Corporation PS05-181 Datasheet HTML 56Page - Sumida Corporation PS05-181 Datasheet HTML 57Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 156 page
background image
53
1. Switching regulator
2. Portable equipment
1. Switching regulator
2. Portable equipment
SEE-16
Application
: Max. 300kHz
: 4.0W (100kHz), 12.0W (300kHz)
Operating Freq
Max. Operating Power
Specifications
EI-191
Application
: Max. 300kHz
: 8.7W (100kHz), 20.0W (300kHz)
Operating Freq
Max. Operating Power
Specifications
DC-DC Converter Transformers < PIN type & Multiple Output Transformers >
4-3.3
4.0
Max. 16.0
Max. 17.0
3.5
6.0
5.0
Max. 18.0
Max. 15.5
DIMENSIONS (mm)
CONSTRUCTION
DIMENSIONS (mm)
CONSTRUCTION
Application
1. AC/DC adapter
: Max. 500kHz
: 10.0W (500kHz)
Operating Freq
Max. Operating Power
Specifications
EEH1713
PROVISIONAL
Max. 17.5
Max. 13.5
3.5
13.0
3.25
Min 0.4
Min 0.4
Min
3.9
DIMENSIONS (mm)
CONSTRUCTION
About EEH1713
This specification might be changed without notice due to under developing and improving. Please contact us for our mass production schedule.Thank you for your understanding.
EI-16
Application
1. Switching regulator
2. Portable equipment
: Max. 300kHz
: 6.0W (100kHz), 14.0W (300kHz)
Operating Freq
Max. Operating Power
Specifications
Max. 17.0
3.5
3.5
3.5
3.5 3.5
4.5
Max. 16.5
DIMENSIONS (mm)
CONSTRUCTION
EE1616B
Application
1. Switching regulator
2. Transformer for heat regulator
3. AC/DC adapter
: Max. 300kHz
: 12.0W (300kHz)
Operating Freq
Max. Operating Power
Specifications
DIMENSIONS (mm)
CONSTRUCTION
NEW
Max. 17.5
Max.16.4
4.0
11.0
磁気構造図
外形寸法図
磁気構造図
外形寸法図
磁気構造図
外形寸法図
磁気構造図
外形寸法図
磁気構造図
外形寸法図



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com