công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PS05-181 bảng dữ liệu(PDF) 11 Page - Sumida Corporation

tên linh kiện PS05-181
Giải thích chi tiết về linh kiện  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SUMIDA [Sumida Corporation]
Trang chủ  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

PS05-181 bảng dữ liệu(HTML) 11 Page - Sumida Corporation

Back Button PS05-181 Datasheet HTML 7Page - Sumida Corporation PS05-181 Datasheet HTML 8Page - Sumida Corporation PS05-181 Datasheet HTML 9Page - Sumida Corporation PS05-181 Datasheet HTML 10Page - Sumida Corporation PS05-181 Datasheet HTML 11Page - Sumida Corporation PS05-181 Datasheet HTML 12Page - Sumida Corporation PS05-181 Datasheet HTML 13Page - Sumida Corporation PS05-181 Datasheet HTML 14Page - Sumida Corporation PS05-181 Datasheet HTML 15Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 156 page
background image
11
Power Inductors < For Automotive Application >
SMD Shielded Type
CDRH** D**/AA
Recommended Automotive Application Type Withstand up to 180˚C (including self-heating)
OUTLINE
BOTTOM VIEW
Operational Ambient Temperature : -40
°C~150°C(withstand up to 180°C including self-heating)
Automotive reliability comply with AEC-Q200 standard.
It is the power inductor for automotive DC/DC converter application with reinforced shock & vibration-proof construction.
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONNECTION
CDRH10D48/AA
Inductance Range
CDRH10D48/AA
10
µH - 680µH
Measuring Freq.(L)100kHz
CDRH80D38/AA
4.4
µH - 150µH
CDRH60D28/AA
4.4
µH - 22µH
/ 特記事項
NOTE
6.0
12.0
Max.10.5
Max.5.0
3.0
Please note that when using the product for automotive while applying current with audio-frequency (AF) signals may result in audible noises due to magnetostriction.
Also, in order to avoid an audible noise problem, operating with Non-AF signals would be recommended.The noise may amplify depending on the coil mount area on the PCB.
About CDRH60D28/AA, CDRH80D38/AA, CDRH10D48/AA
本仕様は開発中につき、製品の改善等により記載内容を予告なく変更することがありますので、ご了承下さい。量産時期についてはお問合せ下さい。
This specification might be changed without notice due to under developing and improving. Please contact us for our mass production schedule.Thank you for your understanding.
PROVISIONAL
PROVISIONAL
PROVISIONAL
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONNECTION
BOTTOM VIEW
CDRH60D28/AA
NEW
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONNECTION
BOTTOM VIEW
CDRH80D38/AA
NEW
8.0
3.5
2.0
Max.6.5
Max.8.5
Max.3.0
10.0
4.6
2.5
Max.4.0
外形寸法図
推奨ランド寸法
端子接続
裏面図
外形寸法図
推奨ランド寸法
端子接続
裏面図
/ 概要
裏面図
使用温度範囲:-40∼150℃(コイル自己発熱を含み上限180℃)
車載信頼性基準 AEC-Q200準拠
耐振動性・耐衝撃性が向上され、車載ニーズのDC/DCコンバータ向けパワーインダクタに最適です。
(車載向け高温対応インダクタ)
外形寸法図
推奨ランド寸法
端子接続
/ インダクタンス範囲
/ インダクタンス測定周波数100kHz
車載向け製品に可聴周波数を含んだ電流を流すと磁歪現象によるうなりが生じ、
うなり音が聞こえる場合がありますので、
うなり音が問題となるような用途で御使用の場合は、
可聴周波数及び可聴周波数成分を含んだ電流を流さないようにして下さい。また、御使用基板での搭載場所によっては、
うなり音を増幅させる可能性もありますので御注意下さい。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com