| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP83255AVF bảng dữ liệu(PDF) 82 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83255AVF bảng dữ liệu(HTML) 82 Page - National Semiconductor (TI) |
|
82 / 96 page ![]() 70 Electrical Characteristics (Continued) AC Characteristics for the Clock Signals Symbol Parameter Conditions Min Typ Max Units T23 TBC to TXC Hold Time (Note 1) 2 ns T24 TBC to TXC Setup Time (Note 1) 25 ns T25 TBC to LBC Skew 10 22 ns T26 RXC Duty Cycle (Note 1) 30 50 ns T27 TXC Duty Cycle (Note 1) 35 45 ns T28 TBC Duty Cycle 37 43 ns T29 LBC Duty Cycle 35 45 ns Note 1 RXC duty cycle TXC duty cycle and TBC to TXC setup time are not tested but are assured by correlation with characterization data Note 2 When PLAYER is used in FDDI applications TBC and LBC periods will be 80 ns and RXC and TXC periods will be 8 ns TLF10386 – 36 FIGURE 7-6 Clock Signals 82 |