| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP83255AVF bảng dữ liệu(PDF) 77 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83255AVF bảng dữ liệu(HTML) 77 Page - National Semiconductor (TI) |
|
77 / 96 page ![]() 60 Pin Descriptions (Continued) NO CONNECT PINS Symbol Pin No IO Description NC 13 No Connect Not used by the PLAYER device NC 14 No Connect Not used by the PLAYER device NC 15 No Connect Not used by the PLAYER device NC 16 No Connect Not used by the PLAYER device NC 17 No Connect Not used by the PLAYER device NC 18 No Connect Not used by the PLAYER device NC 19 No Connect Not used by the PLAYER device NC 49 No Connect Not used by the PLAYER device NC 50 No Connect Not used by the PLAYER device NC 51 No Connect Not used by the PLAYER device NC 52 No Connect Not used by the PLAYER device NC 53 No Connect Not used by the PLAYER device NC 54 No Connect Not used by the PLAYER device NC 55 No Connect Not used by the PLAYER device NC 56 No Connect Not used by the PLAYER device NC 78 No Connect Not used by the PLAYER device NC 79 No Connect Not used by the PLAYER device NC 80 No Connect Not used by the PLAYER device NC 81 No Connect Not used by the PLAYER device NC 82 No Connect Not used by the PLAYER device NC 83 No Connect Not used by the PLAYER device NC 84 No Connect Not used by the PLAYER device NC 85 No Connect Not used by the PLAYER device NC 115 No Connect Not used by the PLAYER device NC 116 No Connect Not used by the PLAYER device NC 117 No Connect Not used by the PLAYER device NC 118 No Connect Not used by the PLAYER device NC 119 No Connect Not used by the PLAYER device NC 120 No Connect Not used by the PLAYER device NC 121 No Connect Not used by the PLAYER device NC 122 No Connect Not used by the PLAYER device 77 |