| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC105EC/D bảng dữ liệu(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC105EC/D bảng dữ liệu(HTML) 16 Page - NXP Semiconductors |
|
16 / 24 page ![]() 16 105 Hardware Specifications Preliminary/Subject to Change without Notice DWE3 (CKO) L11 Low Output DWE4 J10 Low Output DWE5 H10 Low Output DWE6 H11 Low Output DWE7 (CKE) N15 Low Output HIT T4 Low Input TALE T1 High Output TALOE T5 Low Output TOE/DBG1 U4 Low Output TV T6 High I/O TWE R5 Low Output Memory Interface Signals BCTL0 F16 Low Output BCTL1 F15 Low Output CAS/DQM0–CAS/DQM7 J15, H15, G16, E16, G14, G13, F14, E14 Low Output CKE/DWE7 N15 High Output FOE/RCS1 D13 Low Output MA0–MA11 (AR0–AR11) U16, T16, R16, P15, P16, N16, M15, M16, L15, K15, K16, J16 High Output PAR0–PAR7 (AR0–AR7) D16, D15, C16, C15, B16, C14, A16, B15 High I/O RAS/CS0–RAS/CS7 M14, L13, K13, K14, K12, L10, J12, K11 Low Output RCS0 R15 Low I/O RTC G15 High Input SDCAS E13 Low Output SDRAS J14 Low Output WE T15 Low Output Table 9. Pinout Listing1 (Continued) Signal Name Pin Number Active I/O Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com AR CH IVE D B Y F RE ES CA LE SE MI CO ND UC TO R, INC . |