công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC105EC/D bảng dữ liệu(PDF) 15 Page - NXP Semiconductors

tên linh kiện MPC105EC/D
Giải thích chi tiết về linh kiện  MPC105 PCI Bridge/Memory Controller Hardware Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC105EC/D bảng dữ liệu(HTML) 15 Page - NXP Semiconductors

Back Button MPC105EC/D Datasheet HTML 11Page - NXP Semiconductors MPC105EC/D Datasheet HTML 12Page - NXP Semiconductors MPC105EC/D Datasheet HTML 13Page - NXP Semiconductors MPC105EC/D Datasheet HTML 14Page - NXP Semiconductors MPC105EC/D Datasheet HTML 15Page - NXP Semiconductors MPC105EC/D Datasheet HTML 16Page - NXP Semiconductors MPC105EC/D Datasheet HTML 17Page - NXP Semiconductors MPC105EC/D Datasheet HTML 18Page - NXP Semiconductors MPC105EC/D Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
105 Hardware Specifications
15
Preliminary/Subject to Change without Notice
PCI Interface Signals
C/BE0–C/BE3
D6, C8, C9, A6
Low
I/O
DEVSEL
F8
Low
I/O
FLSHREQ
A3
Low
Input
FRAME
A10
Low
I/O
IRDY
E8
Low
I/O
ISA_MASTER
B3
Low
Input
LOCK
G8
Low
Input
MEMACK
A2
Low
Output
AD0–AD31
D4, B14, C4, A14, D5, A13, C5, B12, C6,
A12, D7, B11, C7, A11, D8, B10, A8, D9, B8,
C10, A7, D10, B7, C11, D11, B6, C12, A5,
D12, B5, C13, A4
High
I/O
PAR
G9
High
I/O
GNT
A15
Low
Input
REQ
B4
Low
Output
PERR
F9
Low
I/O
SERR
E9
Low
I/O
STOP
A9
Low
I/O
TRDY
B9
Low
I/O
L2 Cache Interface Signals
ADS
R3
Low
Output
BAA
P4
Low
Output
DIRTY_IN
(BR1)
T3
Low
Input
DIRTY_OUT
(BG1)
R4
Low
Output
DOE
U5
Low
Output
DWE0
(FNR)
J13
Low
Output
DWE (DWE1)
P3
Low
Output
DWE2
N4
Low
Output
Table 9. Pinout Listing1 (Continued)
Signal Name
Pin Number
Active
I/O
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24