| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN250Q bảng dữ liệu(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SN250Q bảng dữ liệu(HTML) 39 Page - STMicroelectronics |
|
39 / 130 page ![]() SN250 Functional description—application modules 39/130 GPIO_DIRSETL [0x471A] GPIO_DIRCLRH [0x471C] GPIO_DIRCLRL [0x471E] 15 0-W 14 0-W 13 0-W 12 0-W 11 0-W 10 0-W 9 0-W 8 0-W GPIO_DIRSETL GPIO_DIRSETL 0-W 7 0-W 6 0-W 5 0-W 4 0-W 3 0-W 2 0-W 1 0-W 0 GPIO_DIRSETL [15:0] Set the output enable of GPIO[15:0] pins. Only writing ones into this register will have an effect. Any bit that has one written to it will cause the corresponding bit in GPIO_DIRL to become 1. 15 0-R 14 0-R 13 0-R 12 0-R 11 0-R 10 0-R 9 0-R 8 0-R 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 GPIO_ DIRCLRH 0-R 7 0-R 6 0-R 5 0-R 4 0-R 3 0-R 2 0-R 1 0-W 0 GPIO_DIRCLRH [0] Clear the output enable of GPIO[16] pin. Only writing ones into this register will have an effect. Any bit that has one written to it will cause the corresponding bit in GPIO_DIRH to become 0. 15 0-W 14 0-W 13 0-W 12 0-W 11 0-W 10 0-W 9 0-W 8 0-W GPIO_DIRCLRL GPIO_DIRCLRL 0-W 7 0-W 6 0-W 5 0-W 4 0-W 3 0-W 2 0-W 1 0-W 0 GPIO_DIRCLRL [15:0] Clear the output enable of GPIO[15:0] pins. Only writing ones into this register will have an effect. Any bit that has one written to it will cause the corresponding bit in GPIO_DIRL to become 0. |