| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN250Q bảng dữ liệu(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SN250Q bảng dữ liệu(HTML) 80 Page - STMicroelectronics |
|
80 / 130 page ![]() Functional description—application modules SN250 80/130 SC2_I2CCTRL2 [0x4428] SC2_I2CSTAT [0x4422] 15 0-R 14 0-R 13 0-R 12 0-R 11 0-R 10 0-R 9 0-R 8 0-R 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 SC_I2CACK 0-R 7 0-R 6 0-R 5 0-R 4 0-R 3 0-R 2 0-R 1 0-RW 0 SC_I2CACK [0] Setting this bit will signal ACK after a received byte. Clearing this bit will signal NACK after a received byte. 15 0-R 14 0-R 13 0-R 12 0-R 11 0-R 10 0-R 9 0-R 8 0-R 0 0 0 0 0 0 0 0 0 0 0 0 SC_ I2CCMDFIN SC_ I2CRXFIN SC_ I2CTXFIN SC_ I2CRXNAK 0-R 7 0-R 6 0-R 5 0-R 4 0-R 3 0-R 2 0-R 1 0-R 0 SC_I2CCMDFIN [3] This bit is set when a START or STOP command completes. It autoclears on next bus activity. SC_I2CRXFIN [2] This bit is set when a byte is received. It autoclears on next bus activity. SC_I2CTXFIN [1] This bit is set when a byte is transmitted. It autoclears on next bus activity. SC_I2CRXNAK [0] This bit is set when a NACK is received from the slave. It autoclears on next bus activity. |